Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM-1101MF Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SCM-1101MF
Description  High Voltage 3-Phase Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM-1101MF Datasheet(HTML) 5 Page - Allegro MicroSystems

  SCM-1101MF Datasheet HTML 1Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 2Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 3Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 4Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 5Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 6Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 7Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 8Page - Allegro MicroSystems SCM-1101MF Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
High Voltage 3-Phase Motor Driver
SCM1101MF
5
Timing Diagrams
HIN
LIN
VB- HS
HO
LO
FO
UVHL
UVHH
*Start from positive edge
after UVLO release .
*VCC =15 V
* No output at H-side UVLO
HIN
LIN
VCC
HO
LO
FO
UVLL
UVLH
*VB- HS =15 V
*Start from positive edge
after UVLO release
HIN
LIN
HO
LO
FO
*VCC ,VB- HS = 15 V
*While both HIN and LIN are in high state
HO and LO turn off and FO signals out
VCC
LIN
VB- HS
LS
FO
VCC
BlankingTime
(2 μs typ.)
CFO
OCP Assist Timer
(2 μs min.)
Vrc
(3.5 V typ.)
The slope depends on
CFO capacitance
* Off operation of all phases can be done by wired OR system
with the three FO pins short circuited
IGBT turns off softly after
overcurrent condition is detected
High-Side Driver Input/Output
Low-Side Driver Input/Output
Shoot-Through Prevention
Overcurrent Protection
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SCM-1101MF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SCM-1101MF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com