Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA6805MP Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SLA6805MP
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA6805MP Datasheet(HTML) 2 Page - Allegro MicroSystems

  SLA6805MP Datasheet HTML 1Page - Allegro MicroSystems SLA6805MP Datasheet HTML 2Page - Allegro MicroSystems SLA6805MP Datasheet HTML 3Page - Allegro MicroSystems SLA6805MP Datasheet HTML 4Page - Allegro MicroSystems SLA6805MP Datasheet HTML 5Page - Allegro MicroSystems SLA6805MP Datasheet HTML 6Page - Allegro MicroSystems SLA6805MP Datasheet HTML 7Page - Allegro MicroSystems SLA6805MP Datasheet HTML 8Page - Allegro MicroSystems SLA6805MP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High Voltage 3-Phase Motor Driver
SLA6805MP
2
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
Between VBB and LS, IBB ≤ 2 A
300
450
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
16.5
V
Dead Time
tdead
1.5
μs
Junction Temperature
TJ
125
°C
Selection Guide
Part Number
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SLA6805MP
18 pieces per tube
600
1.75
3
6
Absolute Maximum Ratings, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 1 mA, VIN = 0 V
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
TC = 25°C
3
A
Output Current, Pulsed
IOP
PW ≤ 1 ms, duty cycle = 50%
6
A
Input Voltage
VIN
–0.5 to 7
V
RC Pin Input Voltage
VRC
Between RC and COM; CC ≤ 2200 pF
20
V
Allowable power dissipation
PD
TC = 25°C, all elements operating
32
W
Thermal resistance (Junction to Case)
RθJC
All elements operating (IGBT)
3.8
°C/W
All elements operating (FWD)
5.4
°C
Case Operating Temperature
TCOP
–20 to 100
°C
Junction Temperature (MOSFET)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SLA6805MP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SLA6805MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com