Part Name
         Description
MPS6724

 One Watt Darlington Transistors ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 6 page
background image
MPS6724 MPS6725
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
CASE 029–05
(TO–226AE)
ISSUE AD
R
A
P
L
F
B
K
G
H
C
V
N
N
X X
SEATING
PLANE
1
J
SECTION X–X
D
2 3
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. DIMENSION F APPLIES BETWEEN P AND L.
DIMENSIONS D AND J APPLY BETWEEN L AND K
MIMIMUM. LEAD DIMENSION IS UNCONTROLLED
IN P AND BEYOND DIMENSION K MINIMUM.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.44
5.21
B
0.290
0.310
7.37
7.87
C
0.125
0.165
3.18
4.19
D
0.018
0.022
0.46
0.56
F
0.016
0.019
0.41
0.48
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.018
0.024
0.46
0.61
K
0.500
–––
12.70
–––
L
0.250
–––
6.35
–––
N
0.080
0.105
2.04
2.66
P
–––
0.100
–––
2.54
R
0.135
–––
3.43
–––
V
0.135
–––
3.43
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MPS6724/D
*MPS6724/D*
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPSW13One Watt Darlington Transistors 1 2 3 4 Motorola, Inc
MPSW45One Watt Darlington Transistors 1 2 3 4 5 MoreMotorola, Inc
MPSW63One Watt Darlington Transistors 1 2 3 4 Motorola, Inc
BDB02COne Watt Amplifier Transistors 1 2 3 4 Motorola, Inc
MPSW55One Watt Amplifier Transistors 1 2 3 4 Motorola, Inc
MPS6724One Watt Darlington Transistors NPN Silicon 1 2 3 4 5 ON Semiconductor
MJE7004.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT 1 2 3 4 5 MoreMotorola, Inc
MPS6714One Watt Amplifier Transistors 1 2 3 4 Motorola, Inc
MPSW45One Watt Darlington Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MP4009Silicon PNP Triple Diffused Type Four Darlington Power Transistors in One 1 2 3 4 5 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl