|
| MPS6724 |
|
||
|
MOTOROLA |
|
3 page
MPS6724 MPS6725 3 Motorola Small–Signal Transistors, FETs and Diodes Device Data NOISE CHARACTERISTICS (VCE = 5.0 Vdc, TA = 25°C) Figure 2. Noise Voltage f, FREQUENCY (Hz) 50 100 200 500 20 Figure 3. Noise Current f, FREQUENCY (Hz) Figure 4. Total Wideband Noise Voltage RS, SOURCE RESISTANCE (kΩ) Figure 5. Wideband Noise Figure RS, SOURCE RESISTANCE (kΩ) 5.0 50 70 100 200 30 10 20 1.0 10 10 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 BANDWIDTH = 1.0 Hz RS ≈ 0 IC = 1.0 mA 100 µA 10 µA BANDWIDTH = 1.0 Hz IC = 1.0 mA 100 µA 10 µA 2.0 5.0 10 20 50 100 200 500 100 0 BANDWIDTH = 10 Hz TO 15.7 kHz IC = 10 µA 100 µA 1.0 mA 8.0 10 12 14 6.0 0 4.0 1.0 2.0 5.0 10 20 50 100 200 500 100 0 2.0 BANDWIDTH = 10 Hz TO 15.7 kHz 10 µA 100 µA IC = 1.0 mA 10 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MPSW13 | One Watt Darlington Transistors | 1 2 3 4 | Motorola, Inc |
| MPSW45 | One Watt Darlington Transistors | 1 2 3 4 5 More | Motorola, Inc |
| MPSW63 | One Watt Darlington Transistors | 1 2 3 4 | Motorola, Inc |
| BDB02C | One Watt Amplifier Transistors | 1 2 3 4 | Motorola, Inc |
| MPSW55 | One Watt Amplifier Transistors | 1 2 3 4 | Motorola, Inc |
| MPS6724 | One Watt Darlington Transistors NPN Silicon | 1 2 3 4 5 | ON Semiconductor |
| MJE700 | 4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT | 1 2 3 4 5 More | Motorola, Inc |
| MPS6714 | One Watt Amplifier Transistors | 1 2 3 4 | Motorola, Inc |
| MPSW45 | One Watt Darlington Transistors NPN Silicon | 1 2 3 4 5 More | ON Semiconductor |
| MP4009 | Silicon PNP Triple Diffused Type Four Darlington Power Transistors in One | 1 2 3 4 5 | Toshiba Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |