Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2903DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2903DWG4
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2903DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  UC2903DWG4 Datasheet HTML 1Page - Texas Instruments UC2903DWG4 Datasheet HTML 2Page - Texas Instruments UC2903DWG4 Datasheet HTML 3Page - Texas Instruments UC2903DWG4 Datasheet HTML 4Page - Texas Instruments UC2903DWG4 Datasheet HTML 5Page - Texas Instruments UC2903DWG4 Datasheet HTML 6Page - Texas Instruments UC2903DWG4 Datasheet HTML 7Page - Texas Instruments UC2903DWG4 Datasheet HTML 8Page - Texas Instruments UC2903DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Note: Pin numbers refer to J, N and DW packages.
UC1903
UC2903
UC3903
www.ti.com ........................................................................................................................................ SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008
Quad Supply and Line Monitor
• Inputs for Monitoring up to Four Separate
The UC1903 family of quad supply and line monitor
Supply Voltage Levels
integrated
circuits
will
respond
to
under-
and
over-voltage conditions on up to four continuously
• Internal Inverter for Sensing a Negative Supply
monitored voltage levels. An internal op-amp inverter
Voltage
allows at least one of these levels to be negative. A
• Line/Switch Sense Input for Early Power
separate line/switcher sense input is available to
Source Failure Warning
provide early warning of line or other power source
• Programmable Under- and Over-Voltage Fault
failures.
Thresholds with Proportional Hysteresis
The fault window adjustment circuit on these devices
• A Precision 2.5-V Reference
provides
easy
programming
of
under-
and
over-voltage thresholds. The thresholds, centered
• General Purpose Op-Amp for Auxiliary Use
around a precision 2.5-V reference, have an input
• Three High Current, >3 0mA, Open-Collector
hysteresis that scales with the window width for
Outputs Indicate Over-Voltage, Under-Voltage
precise, glitch-free operation. A reference output pin
and Power OK Conditions
allows the sense input fault windows to be scaled
• 8-V to 40-V Supply Operation with 7-mA
independently using simple resistive dividers.
Stand-By Current
The three open collector outputs on these devices
sink in excess of 30 mA of load current when active.
The under- and over-voltage outputs respond after
separate, user defined, delays to respective fault
conditions. The third output is active during any fault
condition
including
under-
and
over-voltage,
line/switcher faults, and input supply under-voltage.
The off state of this output indicates a "power OK"
situation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC2903DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2903DWG4 TI1-UC2903DWG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Similar Description - UC2903DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com