Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA7815CKCT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UA7815CKCT
Description  FIXED POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7815CKCT Datasheet(HTML) 6 Page - Texas Instruments

  UA7815CKCT Datasheet HTML 1Page - Texas Instruments UA7815CKCT Datasheet HTML 2Page - Texas Instruments UA7815CKCT Datasheet HTML 3Page - Texas Instruments UA7815CKCT Datasheet HTML 4Page - Texas Instruments UA7815CKCT Datasheet HTML 5Page - Texas Instruments UA7815CKCT Datasheet HTML 6Page - Texas Instruments UA7815CKCT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
6
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The capacitors meet the essential requirements of EIA 198. Unless stated otherwise all electrical values apply at an ambient temperature of
25 °C ± 3 °C, at normal atmospheric conditions.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
VY2-472
VY2-392
VY2-332
VY2-222
VY2-152
VY2-102
VY2-681
VY2-471
VY2-331
VY2-221
VY2-151
AC Voltage V
RMS
Typical Current vs. Voltage (Leakage Current) at 60 Hz 25 °C
0
20
40
60
80
100
120
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
100 pF
68 pF
47 pF
33 pF
22 pF
10 pF
Typical Current vs. Voltage (Leakage Current) at 60 Hz 25 °C
AC Voltage V
RMS


Similar Part No. - UA7815CKCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7815CKCT TI1-UA7815CKCT Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7815CKCT TI-UA7815CKCT Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7815CKCT TI1-UA7815CKCT Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7815CKCT TI1-UA7815CKCT Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7815CKCT TI1-UA7815CKCT Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Similar Description - UA7815CKCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com