Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3709NG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3709NG4
Description  DUAL HIGH-SPEED FET DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3709NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UC3709NG4 Datasheet HTML 1Page - Texas Instruments UC3709NG4 Datasheet HTML 2Page - Texas Instruments UC3709NG4 Datasheet HTML 3Page - Texas Instruments UC3709NG4 Datasheet HTML 4Page - Texas Instruments UC3709NG4 Datasheet HTML 5Page - Texas Instruments UC3709NG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28537
83
Revision: 15-Oct-09
EMI/RFI Y1-VY1
Vishay BCcomponents
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient
temperature of 25 °C ± 3 °C, at normal atmospheric conditions.
Notes
(1) 15th digit of the clear text code number to be completed with the packaging code
• Straight leads are available on request
• Coating extension
ΔR valid for straight leads only
• On request available: ± 10 % tolerance
• On request available: Leadspacing 12.5 mm
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
D max.
(mm)
BODY
THICK
T max.
(mm)
LEAD
SPACING
F
(mm)
CLEAR TEXT CODE
(15th DIGIT *: T = REEL; U = AMMO; 3 = BULK (1))
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
10
± 10
U2J (N750)
8
5.0
10.0
VY1100K31U2JQ6*V0
VY1100K31U2JG6*V0
15
VY1150K31U2JQ6*V0
VY1150K31U2JG6*V0
22
VY1220K31U2JQ6*V0
VY1220K31U2JG6*V0
33
Y5S (2C3)
VY1330K31Y5SQ6*V0
VY1330K31Y5SG6*V0
47
VY1470K31Y5SQ6*V0
VY1470K31Y5SG6*V0
68
VY1680K31Y5SQ6*V0
VY1680K31Y5SG6*V0
100
VY1101K31Y5SQ6*V0
VY1101K31Y5SG6*V0
150
VY1151K31Y5SQ6*V0
VY1151K31Y5SG6*V0
220
VY1221K31Y5SQ6*V0
VY1221K31Y5SG6*V0
330
VY1331K31Y5SQ6*V0
VY1331K31Y5SG6*V0
470
± 20
Y5U (2E3)
VY1471M31Y5UQ6*V0
VY1471M31Y5UG6*V0
680
VY1681M31Y5UQ6*V0
VY1681M31Y5UG6*V0
1000
9
VY1102M35Y5UQ6*V0
VY1102M35Y5UG6*V0
1500
10.5
VY1152M41Y5UQ6*V0
VY1152M41Y5UG6*V0
2200
12
VY1222M47Y5UQ6*V0
VY1222M47Y5UG6*V0
3300
15
VY1332M59Y5UQ6*V0
VY1332M59Y5UG6*V0
3900
15.5
VY1392M61Y5UQ6*V0
VY1392M61Y5UG6*V0
4700
16.0
VY1472M63Y5UQ6*V0
VY1472M63Y5UG6*V0
Current vs. Voltage (Leakage Current) at 50 Hz 25 °C
4700
1000
680
470
330
150
220
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
3500
4000
1500
2200
3300
AC Voltage V
RMS
(pF)
AC Voltage V
RMS
Current vs. Voltage (Leakage Current) at 50 Hz 25 °C
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
2500
3000
3500
4000
100
68
47
33
22
10
22
(pF)


Similar Part No. - UC3709NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3709 TI-UC3709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Similar Description - UC3709NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1711 TI-UC1711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC1711 TI1-UC1711_12 Datasheet
78Kb / 5P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com