Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2824N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2824N
Description  HIGH SPEED PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2824N Datasheet(HTML) 3 Page - Texas Instruments

  UC2824N Datasheet HTML 1Page - Texas Instruments UC2824N Datasheet HTML 2Page - Texas Instruments UC2824N Datasheet HTML 3Page - Texas Instruments UC2824N Datasheet HTML 4Page - Texas Instruments UC2824N Datasheet HTML 5Page - Texas Instruments UC2824N Datasheet HTML 6Page - Texas Instruments UC2824N Datasheet HTML 7Page - Texas Instruments UC2824N Datasheet HTML 8Page - Texas Instruments UC2824N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
INV
2
NI
3
E/A Out
4
Clock
5
N/C
6
RT
7
CT
8
Ramp
9
Soft Start
10
N/C
11
ILIM/SD
12
Gnd
13
Out
14
Pwr Gnd
15
N/C
16
VC
17
INVOUT
18
VCC
19
VREF 5.1V
20
PLCC-20 AND LCC-20
(TOP VIEW)
Q ANDL PACKAGES
UC1824
UC2824
UC3824
SLUS326A – MARCH 1997 – REVISED JULY 2007
3
Submit Documentation Feedback


Similar Part No. - UC2824N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2824 TI-UC2824 Datasheet
385Kb / 8P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC2824N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com