Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3903DWTRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UC3903DWTRG4
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3903DWTRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC3903DWTRG4 Datasheet HTML 6Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 7Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 8Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 9Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 10Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 11Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 12Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 13Page - Texas Instruments UC3903DWTRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OV and UV Comparators Maintain Accurate Thresholds
6.4V
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16 Q17
Q18
OVCOMPARATOR
UVCOMPARATOR
SENSE1
2kW
R1
Z1
5.7V
D1
SENSE2
SENSE3
SENSE4
100 A
m
6.4V
50 A
m
TOUV
THRESHOLD
VOLTAGE
OV
HYSTERESIS
CONTROL
6.4V
60 A
m
Q20
Q19
1.8V
TOOV
THRESHOLD
VOLTAGE
UV
HYSTERESIS
CONTROL
6.4V
60 A
m
1.8V
EXT.
OVDELAY
CAPACITOR
OVFAULT
INDICATION
TOOUTPUT
LOGIC
V
EXT.
UVDELAY
CAPACITOR
REF
UVFAULT
INDICATION
TOOUTPUT
LOGIC
Start Latch and Supply Under-Voltage Sense Allow Predictable Power-Up
UC1903
UC2903
UC3903
SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
The structure of the OV and UV comparators, shown in Figure 8 results in accurate fault thresholds even in the
case where multiple sense inputs cross a fault threshold simultaneously. Unused sense inputs can be tied either
to the 2.5-V reference, or to another, utilized, sense input. The four under- and over-voltage sense inputs on the
UC1903 are clamped as detailed on the Sense 1 input in Figure 8. The series 2-k
Ω resistor, R1, and zener diode
Z1, prevent extreme under- and over-voltage conditions from inverting the outputs of the fault comparators. A
parasitic diode, D1, is present at the inputs as well. Under normal operation it is advisable to insure that voltage
levels at all of the sense inputs stay above –0.3 V. The same type of input protection exists at the line sense
input, Pin 15, except a 5-k
Ω series resistor is used.
The fault delay circuitry on the UC1903 is also shown in Figure 8. In the case of an over-voltage condition at one
of the sense inputs Q20 is turned off, allowing the internal 60-mA current source to charge the user-selected
delay capacitor. When the capacitor voltage reaches 1.8 V, the OV and POWER OK outputs become active low.
When the fault condition goes away Q20 is turned back on, rapidly discharging the delay capacitor. Operation of
the under- voltage delay is, with appropriate substitutions, the same.
A.
The OV and UV comparators on the UC1903 trigger respective fault delay circuits when one or more of the sense
inputs move outside the fault window. Input clamps insure proper operation under extreme fault conditions.
Terminating the UV delay capacitor to VREF assures correct logic at power up.
Figure 8. OV and UV Comparators on the UC1903
At power-Up, while the +VIN input supply is below 3 V, all open collector outputs are off. With +VIN greater than 3
V the POWER OK output will be driven low and the UV OV FAULT outputs are disabled. Once +VIN rises above
the VSUV threshold of 7 V the fault outputs will be enabled. As would be expected, the SENSE 1-4 voltages at
power up may be below the UVFAULT window and the UVFAULT output may be driven low.
10
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1903 UC2903 UC3903


Similar Part No. - UC3903DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3903DWTRG4 TI1-UC3903DWTRG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Similar Description - UC3903DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com