Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC17132L883B Datasheet(PDF) 2 Page - Texas Instruments

Part # UC17132L883B
Description  Smart Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC17132L883B Datasheet(HTML) 2 Page - Texas Instruments

  UC17132L883B Datasheet HTML 1Page - Texas Instruments UC17132L883B Datasheet HTML 2Page - Texas Instruments UC17132L883B Datasheet HTML 3Page - Texas Instruments UC17132L883B Datasheet HTML 4Page - Texas Instruments UC17132L883B Datasheet HTML 5Page - Texas Instruments UC17132L883B Datasheet HTML 6Page - Texas Instruments UC17132L883B Datasheet HTML 7Page - Texas Instruments UC17132L883B Datasheet HTML 8Page - Texas Instruments UC17132L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
UC17131/2/3
UC27131/2/3
UC37131/2/3
4
3
VREF
IN
2
6
8VCC
LS
CSL
5GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
1
LED
TURN-ON/OFF
AND
SHORT CIRCUIT
PROTECTION
7
Q
OUT
72V
6V/8mA
CDEL
HYST (FIXED) =
30%
UC37131 BLOCK DIAGRAM
UDG-98059
4
3
VREF
IN
2
8VCC
CSH
5GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
1
LED
TURN-ON/OFF
AND
SHORT CIRCUIT
PROTECTION
6HS
7
Q
OUT
72V
6V/8mA
CDEL
HYST (FIXED) =
30%
UC37133 BLOCK DIAGRAM
UDG-98060


Similar Part No. - UC17132L883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17132 TI-UC17132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17132 TI-UC17132 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC17132L883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com