Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2907DWTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2907DWTR
Description  LOAD SHARE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2907DWTR Datasheet(HTML) 3 Page - Texas Instruments

  UC2907DWTR Datasheet HTML 1Page - Texas Instruments UC2907DWTR Datasheet HTML 2Page - Texas Instruments UC2907DWTR Datasheet HTML 3Page - Texas Instruments UC2907DWTR Datasheet HTML 4Page - Texas Instruments UC2907DWTR Datasheet HTML 5Page - Texas Instruments UC2907DWTR Datasheet HTML 6Page - Texas Instruments UC2907DWTR Datasheet HTML 7Page - Texas Instruments UC2907DWTR Datasheet HTML 8Page - Texas Instruments UC2907DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UC1907, UC2907, UC3907
LOAD SHARE CONTROLLER
SLUS165C – MARCH 1999 - REVISED JANUARY 2002
3
www.ti.com
electrical characteristics, these specifications apply for TA = –55°C to 125°C for UC1907, –40°C to
85
°C for UC2907, and 0°C to 70°C for UC3907, VIN = 15 V, TA = TJ (unless otherwise stated )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Amp Section
Inp t oltage
COMP = 1 V,
TA = 25°C
1.975
2.000
2.025
V
Input voltage
COMP = 1 V,
over temp
1.960
2.000
2.040
V
Line regulation
VIN = 4.5 V to 35 V
15
mV
Load regulation
IL reference = 0.0 mA to –10 mA
10
mV
Long term stability
TA = 125°C,
1000hrs See Note 2
5
25
mV
Total output variation
Line, load, temp
1.960
2.040
Input adjust range
ADJ OUT from max high to max low
85
100
115
mV
Input bias current
–1
µA
Open loop gain
COMP = 0.75 V to 1.5 V
65
dB
Unity gain bandwidth
TA = 25°C
See Note 2
700
kHz
Output sink current
(+) SENSE = 2.2 V,
COMP = 1 V
6
15
mA
Output source current
(+) SENSE = 1.8 V,
COMP = 1 V
400
600
µA
VOUT high
(+) SENSE = 1.8 V,
IL = –400 µΑ
1.85
2
V
VOUT low
(+) SENSE = 2.2 V,
IL = 1 mA
0.15
0.40
V
Reference Section
O tp t oltage
TA = 25°C
1.970
2.000
2.030
V
Output voltage
Over operating temp
1.955
2.000
2.045
V
Short circuit current
VREF = 0.0 V
–15
–30
–60
mA
Ground Amp Section
Output voltage
200
250
300
mV
Common mode variation
(–) SENSE from 0.0 V to 2 V
5
mV
Load reg lation
IL = 0.0 mA to 20 mA,
TA = 25°C
10
mV
Load regulation
IL = 0.0 mA to 20 mA,
over temp
15
mV
Adjust Amp Section
Input offset voltage
ADJ OUT = 1.5 V, VCM = 0.0 V
40
50
60
mV
Input bias current
–2
µA
Open loop gain
1.5 V
≤ ADJ OUT ≤ 2.25 V
65
dB
Unity gain bandwidth
TA = 25°C,
COUT =1 µF
See Note 2
500
Hz
Transconductance
IOUT = –10 µA to 10 µA,
VOUT = 1.5 V
1.7
3
4.5
ms
Output sink current
VID = 0.0 V,
ADJ OUT = 1.5 V
55
135
225
µA
Output source current
VID = 250 mV,
ADJ OUT = 1.5 V
110
200
350
µA
VOUT high
VID = 250 mV,
IOUT = – 50 mA
2.20
2.70
2.90
V
VOUT low
VID = 0.0 V,
IOUT = 50 mA
0.75
1.15
V
Common mode rejection ratio
VCM = 0.0 to 10 V
70
dB
Output gain to V/A
VOUT ADJ OUT = 1.5 V to 2 V,
∆(+) SENSE/ ∆ADJ OUT
50
57
64
mV/V
NOTE 1: Unless otherwise specified all voltages are with respect to (–) SENSE. Currents are positive into, negative out of the specified terminal.
NOTE 2: Ensured by design. Not production tested.


Similar Part No. - UC2907DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2907 TI-UC2907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Similar Description - UC2907DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com