Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3855ADWTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC3855ADWTRG4
Description  High Performance Power Factor Preregulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3855ADWTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UC3855ADWTRG4 Datasheet HTML 1Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 2Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 3Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 4Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 5Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 6Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 7Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 8Page - Texas Instruments UC3855ADWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
UC2855A/B
UC3855A/B
ELECTRICAL CHARACTERISTICS:Unless otherwise specified: VCC = 18V, RVS = 23k, CT = 470pF, CI = 150pF, VRMS
= 1.5V, IAC = 100
µA, ISENSE = 0V, CAO = 4V, VAOUT= 3.5V, VSENSE = 3V. –40°C to 85°C (UC2855A/B), 0°Cto70°C
(UC3855A/B).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver Output
Output High Voltage
lOUT = −200mA, VCC = 15V
12
12.8
V
Output Low Voltage
lOUT = 200mA
1
2.2
V
Output Low Voltage
lOUT = 10mA
300
500
mV
Output Low (UVLO)
lOUT = 50mA, VCC = 0V
0.9
1.5
V
Output RISE/FALL Time
CLOAD = 1nF
35
ns
Output Peak Current
CLOAD = 10nF
0.5
1.5
A
ZVT
ZVS Threshold
2.3
2.6
2.9
V
Input Bias Current
V = 2.5V, VCT =0
6
20
µA
Propagation Delay
Measured at ZVTOUT
100
ns
Maximum Pulse Width
400
ns
Output High Voltage
lOUT = −100mA, VCC = 15V
12
12.8
V
Output Low Voltage
lOUT = 100mA
1
2.2
V
lOUT = 10mA
300
900
mV
Output Low (UVLO)
lOUT = 50mA, VCC = 0V
0.9
1.5
V
Output RISE/FALL Time
CLOAD = 1nF
35
ns
Output Peak Current
CLOAD = 10nF
0.25
0.75
A
Current Synthesizer
ION to CS Offset
VION = 0V
30
50
mV
Cl Discharge Current
IAC = 50
µA
105
118
140
µA
IAC = 500
µA5
µA
IAC Offset Voltage
0.3
0.65
1.1
V
ION Buffer Slew Rate
10
V/
µs
ION Input Bias Current
VION =2V
2
15
µA
RVS Output Voltage
23k from RVS to GND
2.87
3
3.13
V
Note 1: Gain constant (K) =
IAC VA
V
VIMO
OUT
RMS
(– . )
()
15
2
at VRMS = 1.5V, VAOUT = 5.5V.
PIN DESCRIPTIONS
CA
This is the inverting input to the current amplifier.
Connect the required compensation components be-
tween this pin and CAOUT. The common mode operating
range for this input is between
−0.3V and 5V.
CAO: This is the output of the wide bandwidth current
amplifier and one of the inputs to the PWM duty cycle
comparator. The output signal generated by this amplifier
commands the PWM to force the correct input current.
The output can swing from 0.1V to 7.5V.
CI: The level shifted current sense signal is impressed
upon a capacitor connected between this pin and GND.
The buffered current sense transformer signal charges
the capacitor when the boost switch is on. When the
switch is off, the current synthesizer discharges the ca-
pacitor at a rate proportional to the dI/dt of the boost in-
ductor current. In this way, the discharge current is
approximately equal to
3
4
V
RRVS
IAC
.
Discharging the CI capacitor in this fashion, a “recon-
structed” version of the inductor current is generated us-
ing only one current sense transformer.


Similar Part No. - UC3855ADWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3855ADWTR TI-UC3855ADWTR Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Similar Description - UC3855ADWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855A TI-UC2855A Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com