Electronic Components Datasheet Search |
|
UCC38C45PG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
UCC38C45PG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 32 page UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45 UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45 SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010 5 www.ti.com pin assignments COMP: This pin provides the output of the error amplifier for compensation. In addition, the COMP pin is frequently used as a control port by utilizing a secondary-side error amplifier to send an error signal across the secondary-primary isolation boundary through an opto-isolator. CS: The current sense pin is the non-inverting input to the PWM comparator. This is compared to a signal proportional to the error amplifier output voltage. A voltage ramp can be applied to this pin to run the device with a voltage mode control configuration. FB: This pin is the inverting input to the error amplifier. The non-inverting input to the error amplifier is internally trimmedto2.5 V ±1%. GND: Ground return pin for the output driver stage and the logic level controller section. OUT: The output of the on-chip drive stage. OUT is intended to directly drive a MOSFET. The OUT pin in the UCC38C40, UCC38C42 and UCC38C43 is the same frequency as the oscillator, and can operate near 100% duty cycle. In the UCC38C41, UCC38C44 and the UCC38C45, the frequency of OUT is one-half that of the oscillator due to an internal T flipflop. This limits the maximum duty cycle to < 50%. RT/CT: Timing resistor and timing capacitor. The timing capacitor should be connected to the device ground using minimal trace length. VDD: Power supply pin for the device. This pin should be bypassed with a 0.1-μF capacitor with minimal trace lengths. Additional capacitance may be needed to provide hold up power to the device during startup. VREF: 5-V reference. For stability, the reference should be bypassed with a 0.1-μF capacitor to ground using the minimal trace length possible. |
Similar Part No. - UCC38C45PG4 |
|
Similar Description - UCC38C45PG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |