Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX68000M Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SX68000M
Description  High Voltage 3-Phase Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SX68000M Datasheet(HTML) 5 Page - Allegro MicroSystems

  SX68000M Datasheet HTML 1Page - Allegro MicroSystems SX68000M Datasheet HTML 2Page - Allegro MicroSystems SX68000M Datasheet HTML 3Page - Allegro MicroSystems SX68000M Datasheet HTML 4Page - Allegro MicroSystems SX68000M Datasheet HTML 5Page - Allegro MicroSystems SX68000M Datasheet HTML 6Page - Allegro MicroSystems SX68000M Datasheet HTML 7Page - Allegro MicroSystems SX68000M Datasheet HTML 8Page - Allegro MicroSystems SX68000M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High Voltage 3-Phase Motor Drivers
SX68000M
Series
5
SX6800xM ELECTRICAL CHARACTERISTICS Valid TA = 25°C; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Logic Supply Current
ICC
VCC = 15 V, IREG = 0 A
4.6
8.5
mA
Bootstrap Supply Current
IB
VB = 15 V, HIN = 5 V per phase
140
400
μA
Input Voltage
VIH
VCC = 15 V, Output on
2
2.5
V
VIL
VCC = 15 V, Output off
1
1.5
V
¯F¯¯¯O¯ Input Threshold Voltage
VFOIH
VCC = 15 V, Output on
2
2.5
V
VFOIL
VCC = 15 V, Output off
1
1.5
V
Input Current
IIH
VCC = 15 V, VIN = 5 V
230
500
μA
IIL
VIN = 0 V
2
μA
High-Side Undervoltage Lock Out
VUVHL
Between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
Low-Side Under Voltage Lock Out
VUVLL
Between VCC and COM
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
¯F¯¯¯O¯ Terminal Output Voltage
VFOL
VCC = 15 V,VFO = 5 V, RFO = 10 kΩ
0
0.5
V
VFOH
4.8
V
Overcurrent Limit Output Voltage
VOCLL
VCC = 15 V
0
0.5
V
VOCLH
4.5
5.5
V
Current Limit Reference Voltage
VLIM
VCC = 15 V
0.6175
0.65
0.6825
V
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.9
1.0
1.1
V
Overcurrent Protection Hold Time
tP
VCC = 15 V
20
25
μs
Overcurrent Protection Blanking Time
tbk(ocp)
VCC = 15 V
2
μs
Overcurrent Limit Blanking Time
tbk(ocl)
VCC = 15 V
2
μs
SD Terminal Blanking Time
tbk(SD)
VCC = 15 V
3.3
μs
Overtemperature Protection Activating
and Releasing Temperature
TDH
VCC = 15 V, no heatsink and IREG = 0 mA
135
150
165
°C
TDL
105
120
135
°C
Output Voltage for Regulator
VREG
IREG = 35 mA
6.75
7.5
8.25
V
Bootstrap Diode Leakage Current
ILBD
SX68001M VR = 250 V
10
μA
SX68002M VR = 500 V
10
μA
SX68003M VR = 500 V
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.15 A
1.0
1.3
V
Bootstrap Diode Series Resistor
RBD
48
60
72
Ω
MOSFET Leakage Current
IDSS
SX68001M VDS = 250 V
100
μA
SX68002M VDS = 500 V
100
μA
SX68003M VDS = 500 V
100
μA
MOSFET On State Resistance
RDS(on)
SX68001M VCC = 15 V, ID = 1 A, VIN = 5 V
1.25
1.5
Ω
SX68002M VCC = 15 V, ID = 0.75 A, VIN = 5 V
3.2
4.0
Ω
SX68003M VCC = 15 V, ID = 1.25 A, VIN = 5 V
2.0
2.4
Ω
Diode Forward Voltage (MOSFET)
VSD
SX68001M VCC = 15 V, ISD = 1 A, VIN = 0 V
1.1
1.5
V
SX68002M VCC = 15 V, ISD = 0.75 A, VIN = 0 V
1.0
1.5
V
SX68003M VCC = 15 V, ISD = 1.25 A, VIN = 0 V
1.0
1.5
V
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SX68000M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results

Similar Description - SX68000M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com