Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2583D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2583D
Description  Switch Mode Secondary Side Post Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2583D Datasheet(HTML) 4 Page - Texas Instruments

  UCC2583D Datasheet HTML 1Page - Texas Instruments UCC2583D Datasheet HTML 2Page - Texas Instruments UCC2583D Datasheet HTML 3Page - Texas Instruments UCC2583D Datasheet HTML 4Page - Texas Instruments UCC2583D Datasheet HTML 5Page - Texas Instruments UCC2583D Datasheet HTML 6Page - Texas Instruments UCC2583D Datasheet HTML 7Page - Texas Instruments UCC2583D Datasheet HTML 8Page - Texas Instruments UCC2583D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
UCC1583
UCC2583
UCC3583
Power Stage Circuit Configuration
The UCC3583 is designed for use in a post regulator ap-
plication for tightly regulating auxiliary outputs in a multi-
ple output converter. The post regulation is applied to the
secondary side power pulse of a power transformer
where the power pulse is controlled by the feedback sig-
nal from the main output. In order to simplify the applica-
tion of the UCC3583, it is required that the IC be
referenced to the positive output terminal and the output
filter inductor be placed in the return path. The placement
of the inductor in the return path facilitates better EMI
performance, in addition to making magnetic designs
and terminations easier to implement. Typical set-up and
circuit waveforms of the UCC3583 system application
are shown in Figure 1. Figure 2 shows waveforms for a
single ended output rectifier application of the UCC3583
shown on page 1. The UCC3583 can also be used in
half bridge rectifier applications as shown by the circuit
and waveforms depicted in Figures 3 and 4. Referencing
the IC to the positive output terminal creates a require-
ment for a floating bias voltage for the IC which can be
referenced to the same positive voltage terminal. Possi-
ble implementations of deriving the floating bias voltage
are shown in Figure 5.
APPLICATION INFORMATION
CAO: Output of the current error amplifier. Averaging of
the sensed current signal is provided by connecting an
integrating capacitor between ILIM and CAO. CAO feeds
into the PWM comparator input and controls the loop
when its voltage is higher than the voltage at COMP
(output of the voltage error amplifier).
COM: Signal ground for the chip. It is connected to the
positive terminal of the output voltage being regulated by
the IC.
COMP: Output of the voltage error amplifier fed into the
PWM comparator. Loop compensation components are
connected between COMP and INV.
CS: Non-inverting input of the current error amplifier. The
sensed current signal from the current sense resistor is
connected to this pin. By making the signal at CS
proportional to the output voltage, effective current
foldback limiting can be provided.
GATE: Gate drive output for the power switch FET. The
drive pin has a 0.5A sink/1.5A source capability and very
low output off-state impedance.
ILIM: Inverting input of the current error amplifier. It sets
the DC limit for the output current.
INV: Inverting input of the voltage error amplifier. The
feedback signal is connected to this pin using a resistive
divider between REF and –VO.
PCOM: Power ground for the chip. It is connected to the
source terminal of the MOSFET being regulated by the
IC.
RAMP: This pin is the input to the PWM comparator and
provides a ramp signal for generation of the PWM signal.
A capacitor to COM and a resistor to REF set the
charging rate for the ramp. An internal current source of
1mA discharges RAMP when synchronization signal
appears or when RAMP crosses a 4V threshold. In the
intended mode of operation, the switching frequency is
determined by the secondary power pulse. The RC
components at RAMP should be selected to give an
appropriately sized ramp signal. In the absence of a
synchronizing pulse, these RC components determine
the free running frequency of the controller.
REF: Precision 5V reference pin. REF stays off until VDD
exceeds 9V and turns off again when VDD drops below
8.4V. Bypass REF to COM.
SS: This pin provides a soft start function. A capacitor to
REF programs the soft start time. During soft start, the
PWM comparator is controlled by the soft start voltage
resulting in a slow increase in output duty cycle. Once
the soft start capacitor is discharged, output control is
dictated by the larger of the output at CAO or COMP.
SYNC: Synchronization input pin. It is connected to a
signal representative of the secondary power pulse. One
possible implementation is to use a resistive divider
between terminal S2 of the secondary winding shown in
Figure 1 and REF for generating the input to the SYNC
pin. The synchronizing comparator is referenced to 0.5V
and has
±500mV of hysteresis. The trip levels are
approximate 1.0V and 0.0V. The designer should prevent
the SYNC pin from exceeding 0.3V below ground as this
will turn on the ESD diode.
VD: Power supply for the output driver. VD should be tied
to VDD in the application.
VDD: Power supply for the chip. VDD should be
bypassed to COM. VDD has to be 9V for the IC to start
and 8.4V for it to remain operational. A shunt clamp from
VDD to COM limits the supply voltage to 14V.
PIN DESCRIPTIONS


Similar Part No. - UCC2583D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2583 TI-UCC2583 Datasheet
408Kb / 10P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results

Similar Description - UCC2583D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1583 TI-UCC1583 Datasheet
408Kb / 10P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com