Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2891DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2891DR
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2891DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2891DR Datasheet HTML 6Page - Texas Instruments UCC2891DR Datasheet HTML 7Page - Texas Instruments UCC2891DR Datasheet HTML 8Page - Texas Instruments UCC2891DR Datasheet HTML 9Page - Texas Instruments UCC2891DR Datasheet HTML 10Page - Texas Instruments UCC2891DR Datasheet HTML 11Page - Texas Instruments UCC2891DR Datasheet HTML 12Page - Texas Instruments UCC2891DR Datasheet HTML 13Page - Texas Instruments UCC2891DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
10
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
FB (pin 9)
This pin is an input for the control voltage of the pulse width modulator of the UCC2891 family. The control
voltage is generated by an external error amplifier by comparing the converters output voltage to a voltage
reference and employing the compensation for the voltage regulation loop. Usually, the error amplifier is located
on the secondary side of the isolated power converter and its output voltage is sent across the isolation
boundary by an opto coupler. Thus, the FB pin is usually driven by the opto coupler. An external pull-up resistor
to the VREF pin (pin 4) is also needed for proper operation as part of the feedback circuitry.
The control voltage is internally buffered and connected to the PWM comparator through a voltage divider to
make it compatible to the signal level of the current sense circuit. The useful voltage range of the FB pin is
between approximately 1.25 V and 4.5 V. Control voltages below the 1.25-V threshold result in zero duty cycle
(pulse skipping) while voltages above 4.5 V result in full duty cycle (DMAX) operation.
SS/SD (pin 10)
A capacitor (CSS) connected between this pin and GND (pin 6) programs the soft start time of the power
converter. The soft-start capacitor is charged by a precise, internal DC current source which is programmed by
the RON resistor connected to pin 2. The soft-start current is defined as:
I
SS + 0.43
I
RTON + 0.43
V
REF
2
1
R
ON
This DC current charges CSS from 0 V to approximately 5 V. Internal to the UCC2891 family of controllers, the
soft start capacitor voltage is buffered and ORed with the control voltage present at the FB pin (pin 9). The lower
of the two voltages manipulates the controller’s PWM engine through the voltage divider described with regards
to the FB pin. Accordingly, the useful control range on the SS pin is similar to the control range of the FB pin
and it is between 1.25 V and 4.5 V approximately.
PGND (pin 11)
This pin serves as a dedicated connection to all high-current circuits inside the UCC2891 family of parts. The
high-current portion of the controller consists of the two high-current gate drivers, and the various bias
connections except VREF (pin 4). The PGND (pin 11) and GND (pin 6) pins are not connected internally, a
low-impedance, external connection between the two ground pins is also required. It is recommended to form
a separate ground plane for the low current setup components (RDEL, RON, ROFF, CVREF, CF, RSLOPE, CSS and
the emitter of the opto-coupler in the feedback circuit). This separate ground plane (GND) should have a single
connection to the rest of the ground of the power converter (PGND) and this connection should be between pin
6 and pin 11 of the controller.
AUX (pin 12)
This is a high-current gate drive output for the auxiliary switch to implement the active clamp operation for the
power stage. The auxiliary output (AUX) of the UCC2891 and UCC2892 drives a P-channel device as the clamp
switch therefore it requires an active low operation (the switch is ON when the output is low). The UCC2893
and UCC2894 controllers are optimized for N-channel auxiliary switch therefore it employs the traditional active
high drive signal.
(6)


Similar Part No. - UCC2891DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891D TI-UCC2891D Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com