Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZJP0V080DA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EZJP0V080DA
Description  Multilayer Varistor for ESD pulse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJP0V080DA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EZJP0V080DA Datasheet HTML 1Page - Panasonic Semiconductor EZJP0V080DA Datasheet HTML 2Page - Panasonic Semiconductor EZJP0V080DA Datasheet HTML 3Page - Panasonic Semiconductor EZJP0V080DA Datasheet HTML 4Page - Panasonic Semiconductor EZJP0V080DA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
– EC63 –
Circuit voltage DC (V)
5.6
6.7
35
12
24
40
11
13
16
26
30
40
Features
Multilayer monolithic ceramic construction for use
protecting DC voltage lines or signal lines
● Circuit voltage
Multilayer Varistor, Low Voltage Type (Standard Type)
[DC voltage lines/Low speed signal lines]
Recommended Applications
Mobile phone
SW, LCD, LED, Audio terminal,
Battery pack, Memory card, External IF
DSC, DVC
SW, LCD, LED, USB
PC, PDA
SW, LCD, LED, USB
TV, DVD
Audio, Video terminal
Audio
Audio terminal, Microphone, Receiver
Game console
Controller, External IF
Ratings and Characteristics
● Varistor voltage : 8 to 65 V [at 1 mA]
● Capacitance : 15 to 420 pF typ. [at 1 MHz]
Size
Part No.
Maximum
allowable
voltage
DC (V)
Nominal
varistor
voltage
at 1mA (V)
Capacitance (pF)
Maximum
peak current
at 8/20µs, 2times
(A)
Maximum ESD
IEC61000-4-2
at 1MHz
at 1kHz
0402
EZJP0V080MA
5.6
8
680 max. [420 typ.]
650 typ.
20
Contact discharge
8 kV
EZJP0V080KA
5.6
8
330 max. [290 typ.]
480 typ.
15
EZJP0V080GA
5.6
8
100 max. [ 65 typ.]
100 typ.
3
EZJP0V080DA
5.6
8
27 max. [ 22 typ.]
33 typ.
1
EZJZ0V120JA
6.712
220 max. [150 typ.]
175 typ.
10
EZJZ0V180HA
11
18
150 max. [120 typ.]
140 typ.
10
EZJZ0V220HA
13
22
150 max. [100 typ.]
116 typ.
10
EZJZ0V270EA
16
27
47 max. [ 33 typ.]
37 typ.
10
EZJZ0V270RA
16
27
20 max. [ 15 typ.] 16.5 typ.
3
EZJZ0V420WA
30
42
56 max. [ 40 typ.]
45 typ.
10
EZJZ0V650DA
40
65
27 max. [ 22 typ.]
33 typ.
5
0603
EZJZ1V120KA
6.712
330 max. [250 typ.]
290 typ.
20
EZJZ1V180JA
11
18
220 max. [180 typ.]
210 typ.
20
EZJZ1V220JA
13
22
220 max. [160 typ.]
185 typ.
20
EZJZ1V270GA
16
27
100 max. [ 85 typ.]
100 typ.
20
EZJZ1V270EA
16
27
47 max. [ 33 typ.]
37 typ.
20
EZJZ1V270RA
16
27
20 max. [ 15 typ.] 16.5 typ.
3
EZJZ1V330GA
26
33
100 max. [ 85 typ.]
100 typ.
20
EZJZ1V420FA
30
42
68 max. [ 55 typ.]
63 typ.
15
EZJZ1V650DA
40
65
27 max. [ 22 typ.]
33 typ.
5
● Operating Temperature Range : –40 to 85 °C
✽ Recommend soldering method : Reflow soldering
Maximum Allowable Voltage Maximum DC Voltage that can be applied continuously within the operating temperature range
Varistor Voltage
Varistor starting voltage between terminals at DC 1 mA, also known as Breakdown voltage
Maximum Peak Current
Varistor’s maximum current under the standard pulse 8/20µs, 2 times based
Maximum ESD
Varistor’s maximum voltage under ESD based on IEC61000-4-2, 10 times
(5 times of each positive-negative polarity)
Jul. 2008
01


Similar Part No. - EZJP0V080DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJP0V080DA PANASONIC-EZJP0V080DA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJP0V080DA PANASONIC-EZJP0V080DA Datasheet
172Kb / 8P
   Multilayer Varistors
More results

Similar Description - EZJP0V080DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com