Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25702PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25702PW
Description  Advanced Voltage Mode Pulse Width Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25702PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC25702PW Datasheet HTML 2Page - Texas Instruments UCC25702PW Datasheet HTML 3Page - Texas Instruments UCC25702PW Datasheet HTML 4Page - Texas Instruments UCC25702PW Datasheet HTML 5Page - Texas Instruments UCC25702PW Datasheet HTML 6Page - Texas Instruments UCC25702PW Datasheet HTML 7Page - Texas Instruments UCC25702PW Datasheet HTML 8Page - Texas Instruments UCC25702PW Datasheet HTML 9Page - Texas Instruments UCC25702PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
UCC15701/2
UCC25701/2
UCC35701/2
Output Inhibit
During normal operation, OUT is driven high at the start
of a clock period and is driven low by voltages on CT, FB
or VSCLAMP.
The following conditions cause the output to be immedi-
ately driven low until a clock period starts where none of
the conditions are true:
1. ILIM > 0.2V
2. FB or SS is less than 0.8V
Current Limiting
ILIM is monitored by two internal comparators. The cur-
rent limit comparator threshold is 0.2V. If the current limit
comparator is triggered, OUT is immediately driven low
and held low for the remainder of the clock cycle, provid-
ing pulse-by-pulse over-current control for excessive
loads. This comparator also causes CF to be charged for
the remainder of the clock cycle.
If repetitive cycles are terminated by the current limit
comparator causing COUNT to rise above 4V, the shut-
down latch is set. The COUNT integration delay feature
will be bypassed by the shutdown comparator which has
a 0.6V threshold. The shutdown comparator immediately
sets the shutdown latch. RF in parallel with CF resets the
COUNT integrator following transient faults. RF must be
greater than (4
· R4) · (1–DMAX).
Latched Shutdown
If ILIM rises above 0.6V, or COUNT rises to 4V, the shut-
down latch will be set. This will force OUT low, discharge
SS and COUNT, and reduce IDD to approximately
750
mA. When, and if, VDD falls below the UVLO stop
threshold, the shutdown latch will reset and IDD will fall
to 130
mA, allowing the circuit to restart. If VDD remains
above the UVLO stop threshold (within the UVLO band),
an alternate restart will occur if VFF is momentarily re-
duced below 1V. External shutdown commands from any
source may be added into either the COUNT or ILIM
pins.
Voltage Feedforward
The voltage slope on CT is proportional to line voltage
over a 4:1 range and equals 2
·VFF (RT·CT). The capac-
itor charging current is set by the voltage across RT.
V(RT) tracks VFF over a range of 0.8V to 3.2V. A chang-
ing line voltage will immediately change the slope of
V(CT), changing the pulse width in a proportional manner
without using the feedback loop, providing excellent dy-
namic line regulation.
VFF is intended to operate accurately over a 4:1 range
between 0.8V and 3.2V. Voltages at VFF below 0.6V or
above 4.0V will initiate a soft stop cycle and a chip restart
when the under/over voltage condition is removed.
Volt-Second Clamp
A constant volt-second clamp is formed by comparing the
timing capacitor ramp voltage to a fixed voltage derived
from the reference. Resistors R4 and R5 set the
volt-second limit. For a volt-second product defined as
VIN
tON(max), the required voltage at VSCLAMP is:
()
()
R
RR
Vt
RC
IN
ON
TT
2
12
+
æ
è
ç
ö
ø
÷ ··
·
max
.
The duty cycle limit is then:
V
V
VS CLAMP
VFF
,or
V
V
R
RR
VS CLAMP
IN ·
+
æ
è
ç
ö
ø
÷
2
12
.
The
maximum
duty
cycle
is
realized
when
the
feedforward voltage is set at the low end of the operating
range (VFF = 0.8V).
The absolute maximum duty cycle is:
D
VV
R
RR
MAX
VS CLAMP
REF
==
·
+
08
08
5
45
..
Frequency Set
The frequency is set by a resistor from RT to ground and
a capacitor from CT to ground. The frequency is approxi-
mately:
F
RC
TT
=
·
2
()
External synchronization is via the SYNC pin. The pin
has a 1.5V threshold , making it compatible with 5V and
3.3V CMOS logic. The input is level sensitive, with a high
input forcing the oscillator ramp low and the output low.
An active pull down on the SYNC pin allows it to be un-
connected when not used.
Gate Drive Output
The UCC35701/2 is capable of a 1A peak output current.
Bypass with at least 0.1
mF directly to PGND. The capac-
itor must have a low equivalent series resistance and in-
ductance. The connection from OUT to the power
MOSFET gate should have a 2
W or greater damping re-
sistor and the distance between chip and MOSFET
should be minimized. A low impedance path must be es-
tablished between the MOSFET source (or ground side
of the current sense resistor), the VDD capacitor and
PGND. PGND should then be connected by a single path
(shown as RGND) to GND.
APPLICATION INFORMATION (cont.)


Similar Part No. - UCC25702PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25702PW TI1-UCC25702PW Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702PWG4 TI1-UCC25702PWG4 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702PWTR TI1-UCC25702PWTR Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702PWTRG4 TI1-UCC25702PWTRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
More results

Similar Description - UCC25702PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Seme LAB
IP1526A SEME-LAB-IP1526A Datasheet
69Kb / 6P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
CM494 ETC-CM494 Datasheet
512Kb / 9P
   ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
[Old version datasheet]   HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com