Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3583NG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3583NG4
Description  Switch Mode Secondary Side Post Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3583NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3583NG4 Datasheet HTML 1Page - Texas Instruments UCC3583NG4 Datasheet HTML 2Page - Texas Instruments UCC3583NG4 Datasheet HTML 3Page - Texas Instruments UCC3583NG4 Datasheet HTML 4Page - Texas Instruments UCC3583NG4 Datasheet HTML 5Page - Texas Instruments UCC3583NG4 Datasheet HTML 6Page - Texas Instruments UCC3583NG4 Datasheet HTML 7Page - Texas Instruments UCC3583NG4 Datasheet HTML 8Page - Texas Instruments UCC3583NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
UCC1583
UCC2583
UCC3583
ABSOLUTE MAXIMUM RATINGS
VDD .......................................... 15V
IVDD ......................................... 15mA
RAMP ............................. –0.3V to VDD +1V
IRAMP .........................................5mA
IREF .................................................... –30mA
PCOM .................................. –0.2V to 0.2V
IGATE (twp < 1µS and Duty Cycle < 10%) ...... –0.8A to 1.8A
ICOMP .................................. –5mA to 5mA
ICAO ................................... –5mA to 5mA
VSYNC ............................ –0.6V to VREF +0.3V
ISYNC ................................. –05mA to 5mA
INV, SS, ILIM, ISENSE.............. –0.3V to VREF + 0.3V
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All voltages are with respect to the COM terminal unless other-
wise stated. Currents are positive into, negative out of the
specified terminal. Consult Packaging Section of Databook for
thermal limitations and considerations of packages.
CONNECTION DIAGRAMS
DIL-14, SOIC-14 (Top View)
J, N, or D Packages
ELECTRICAL CHARACTERISTICS:Unless otherwise stated, these specifications apply for TA = –55°Cto125°C for
UCC1583, –40°C to 85°C for UCC2583, and 0°C to 70°C for UCC3583; VDD = 12V, RT = 60k, CT = 100pF, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Ramp Generation and Synchronization
Maximum Input Operating Frequency
For input with 5% to 90% duty cycle (Note 1)
500
kHz
Ramp Frequency, Free Running
TA = 25°C
95
100
105
kHz
TA = -55°C to 125°C
90
100
110
kHz
Ramp Discharge Current
VRAMP = 0.5V
2.0
3.6
mA
Low Threshold Voltage
No min, no max, 0=TYP
0
V
High Threshold Voltage
3.75
4
4.25
V
Synchronizing Threshold Voltage (On)
(Note 1)
1
V
Synchronizing Comparator Hysteresis
1
V
PLCC-20 (Top View)
Q Package
PACKAGE
qja
qjc
N-14
90
45
J-14
90-120
28
D-14
50-120
35
PLCC-20
43-75
34
Note 1.
qja (junction to ambient) is for devices mounted to 5 in2
FR4 PC board with one ounce copper where noted. When re-
sistance range is given, lower values are for 5 in2 aluminum
PC board. Test PWB was .062 in thick and typically used 0.635
mm trace widths for power pkgs and 1.3 mm trace widths for
non-power pkgs with a 100x100 mil probe land area at the end
of each trace
Note
2.
qjc
data
values
stated
were
derived
from
MIL-STD-1835B. MIL-STD-1835B states that “The baseline
values shown are worst case (mean + 2s) for a 60x60 mil
microcircuit device silicon die and applicable for devices with
die sizes up to 14400 square mils. For device die sizes greater
than14400 square mils use the following values; dual-in-line,
11°C/W; flat pack, 10°C/W; pin grid array, 10°C/W”.
THERMAL IMPEDANCE


Similar Part No. - UCC3583NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3583 TI-UCC3583 Datasheet
408Kb / 10P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results

Similar Description - UCC3583NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1583 TI-UCC1583 Datasheet
408Kb / 10P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com