Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2892PWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC2892PWRG4
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2892PWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2892PWRG4 Datasheet HTML 1Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 2Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 3Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 4Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 5Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 6Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 7Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 8Page - Texas Instruments UCC2892PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
5
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12 V(1), 1-µF capacitor from VDD to GND, 0.01-µF capacitor from VREF to GND, RON = ROFF = 75 kΩ, RDEL = 10 kΩ,
RSLOPE = 50 kΩ, −40 °C ≤ TA = TJ ≤ 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT (OUT AND AUX)
tR
Rise time
CLOAD = 2 nF
19
28
tF
Fall time
CLOAD = 2 nF
14
23
ns
tDEL1
Delay time (AUX to OUT)
CLOAD = 2 nF,
RDEL = 10 kΩ
110
ns
tDEL2
Delay time (OUT to AUX)
CLOAD = 2 nF,
RDEL = 10 kΩ
115
IOUT(src)
Output source current
−2
A
IOUT(sink) Output sink current
2
A
VOUT(low) Low-level output voltage
IOUT = 150 mA
0.4
V
VOUT(high) High-level output voltage
IOUT = −150 mA
11.1
V
t
DEL2
t
DEL1
t
t
t
OUT
AUX
AUX
(N−channel)
(P−channel)
50%
50%
50%
50%
50%
50%
Figure 1. Output Timing Diagram


Similar Part No. - UCC2892PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2892PW TI-UCC2892PW Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com