Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27323PE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27323PE4
Description  Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27323PE4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC27323PE4 Datasheet HTML 1Page - Texas Instruments UCC27323PE4 Datasheet HTML 2Page - Texas Instruments UCC27323PE4 Datasheet HTML 3Page - Texas Instruments UCC27323PE4 Datasheet HTML 4Page - Texas Instruments UCC27323PE4 Datasheet HTML 5Page - Texas Instruments UCC27323PE4 Datasheet HTML 6Page - Texas Instruments UCC27323PE4 Datasheet HTML 7Page - Texas Instruments UCC27323PE4 Datasheet HTML 8Page - Texas Instruments UCC27323PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
OUTA
N/C
2
INA
3
GND
7
N/C
8
INVERTING
NON-INVERTING
OUTB
4
5
INVERTING
NON-INVERTING
INB
6
VDD
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
www.ti.com
SLUS492H – JUNE 2001 – REVISED MAY 2013
Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
Check for Samples: UCC27323, UCC27324, UCC27325, UCC37323, UCC37324, UCC37325
1
FEATURES
APPLICATIONS
2
Industry-Standard Pin-Out
Switch-Mode Power Supplies
High Current-Drive Capability of ±4 A at the
DC/DC Converters
Miller Plateau Region
Motor Controllers
Efficient Constant-Current Sourcing Even at
Line Drivers
Low Supply Voltages
Class D Switching Amplifiers
TTL/CMOS Compatible Inputs Independent of
Supply Voltage
DESCRIPTION
20-ns Typical Rise and 15-ns Typical Fall
The
UCC37323/4/5
family
of
high-speed
dual-
Times with 1.8-nF Load
MOSFET drivers deliver large peak currents into
capacitive loads. Three standard logic options are
Typical Propagation-Delay Times of 25 ns with
offered — dual-inverting, dual-noninverting, and one-
Input Falling and 35 ns with Input Rising
inverting and one-noninverting driver. The thermally
4.5-V to 15-V Supply Voltage
enhanced 8-pin PowerPAD MSOP package (DGN)
Supply Current of 0.3 mA
drastically lowers the thermal resistance to improve
long-term reliability. UCC3732x is also offered in the
Dual Outputs are Paralleled for Higher Drive
standard SOIC-8 (D) or PDIP-8 (P) packages.
Current
Using a design that inherently minimizes shoot-
Available in Thermally Enhanced MSOP
through current, these drivers deliver 4-A of current
PowerPAD™ Package with 4.7°C/W
θJC
where it is needed most at the Miller plateau region
Rated From –40°C to +125°C
during the MOSFET switching transition. A unique
TrueDrive™ Output Architecture Using Bipolar
BiPolar and MOSFET hybrid output stage in parallel
and CMOS Transistors in Parallel
also allows efficient current sourcing and sinking at
low supply voltages.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, TrueDrive are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27323PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27323P TI-UCC27323P Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
More results

Similar Description - UCC27323PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com