Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38C40DGKG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC38C40DGKG4
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38C40DGKG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC38C40DGKG4 Datasheet HTML 5Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 6Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 7Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 8Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 9Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 10Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 11Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 12Page - Texas Instruments UCC38C40DGKG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
9
www.ti.com
APPLICATION INFORMATION
precautions
The absolute maximum supply voltage is 20 V, including any transients that may be present. If this voltage is
exceeded, device damage is likely. This is in contrast to the predecessor bipolar devices, which could survive
up to 30 V. Thus, the supply pin should be decoupled as close to the ground pin as possible. Also, since no clamp
is included in the device, the supply pin should be protected from external sources which could exceed the 20 V
level.
Careful layout of the printed board has always been a necessity for high frequency power supplies. As the device
switching speeds and operating frequencies increase the layout of the converter becomes increasingly
important.
This 8-pin device has only a single ground for the logic and power connections. This forces the gate drive current
pulses to flow through the same ground that the control circuit uses for reference. Thus, the interconnect
inductance should be minimized as much as possible. One implication is to place the device (gate driver)
circuitry close to the MOSFET it is driving. Note that this can conflict with the need for the error amplifier and
the feedback path to be away from the noise generating components.
circuit applications
Figure 4 shows a typical off-line application.
UDG--01071
C53
1COMP
2FB
3CS
4RT/CT
8
REF
7
VCC
6
OUT
5
GND
UCC38C44
R6
C13
R16
T1
R12
C5
C12
D50
C52
D51
C3
R10
R11
C18
C1A
F1
BR1
+
RT1
L50
C54
R55
R53
R56
C55
R52
SEC
COMMON
12 V
OUT
R50
C50
C51
R50
IC3
R54
AR
K
Q1
5V
OUT
AC INPUT
100 Vac -- 240 Vac
EMI FILTER
REQUIRED
D2
D6
IC2
IC2
Figure 4. Typical Off-Line Application
Figure 5 shows the forward converter with synchronous rectification. This application provides 48 V to 3.3 V at
10 A with over 85% efficiency and uses the UCC38C42 as the secondary-side controller and UCC3961 as the
primary-side startup control device.


Similar Part No. - UCC38C40DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38C40DGKG4 TI1-UCC38C40DGKG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC38C40DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com