Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27423PE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC27423PE4
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423PE4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27423PE4 Datasheet HTML 1Page - Texas Instruments UCC27423PE4 Datasheet HTML 2Page - Texas Instruments UCC27423PE4 Datasheet HTML 3Page - Texas Instruments UCC27423PE4 Datasheet HTML 4Page - Texas Instruments UCC27423PE4 Datasheet HTML 5Page - Texas Instruments UCC27423PE4 Datasheet HTML 6Page - Texas Instruments UCC27423PE4 Datasheet HTML 7Page - Texas Instruments UCC27423PE4 Datasheet HTML 8Page - Texas Instruments UCC27423PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
D, DGN, OR P PACKAGE
(TOP VIEW)
D, DGN, OR P PACKAGE
(TOP VIEW)
D, DGN, OR P PACKAGE
(TOP VIEW)
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(DUAL INVERTING)
(DUAL NON-INVERTING)
(ONE INVERTING AND
ONE NON-INVERTING)
UCC27423
UCC27424
UCC27425
UCC27423, UCC27424, UCC27425
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
ORDERING INFORMATION
PACKAGED DEVICES
OUTPUT
TEMPERATURE RANGE
SOIC-8
MSOP-8 PowerPAD
PDIP-8
CONFIGURATION
TA = TJ
(D)(1)
(DGN)(2)
(P)
Dual inverting
–40°C to 125°C
UCC27423D
UCC27423DGN
UCC27423P
Dual nonInverting
–40°C to 125°C
UCC27424D
UCC27424DGN
UCC27424P
One inverting, one
–40°C to 125°C
UCC27425D
UCC27425DGN
UCC27425P
noninverting
(1)
D (SOIC-8) and DGN (PowerPAD-MSOP) packages are available taped and reeled. Add R suffix to device type (e.g. UCC27423DR,
UCC27424DGNR) to order quantities of 2,500 devices per reel for D or 1,000 devices per reel for DGN package.
(2)
The PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and thermally connected to the
substrate which is the ground of the device.
POWER DISSIPATION RATING TABLE
DERATING FACTOR
POWER RATING (mW)
PACKAGE
SUFFIX
θJC (°C/W)
θJA (°C/W)
ABOVE
TA = 70°C
(1)
70°C (mW/°C)(1)
SOIC-8
D
42
84 - 160‡
344–655(2)
6.25–11.9(2)
PDIP-8
P
49
110
500
9
MSOP PowerPAD-8(3)
DGN
4.7
50 - 59‡
1370
17.1
(1)
125°C operating junction temperature is used for power rating calculations
(2)
The range of values indicates the effect of pc-board. These values are intended to give the system designer an indication of the best
and worst case conditions. In general, the system designer should attempt to use larger traces on the pc-board where possible in order
to spread the heat away form the device more effectively. For information on the PowerPAD™ package, refer to Technical Brief,
PowerPad Thermally Enhanced Package, Texas Instruments (SLMA002) and Application Brief, PowerPad Made Easy, Texas
Instruments (SLMA004).
(3)
The PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and thermally connected to the
substrate which is the ground of the device.
Table 1. Input/Output Table
INPUTS (VIN_L, VIN_H)
UCC27423
UCC27424
UCC27425
ENBA
ENBB
INA
INB
OUTA
OUTB
OUTA
OUTB
OUTA
OUTB
H
H
L
L
H
H
L
L
H
L
H
H
L
H
H
L
L
H
H
H
H
H
H
L
L
H
H
L
L
L
H
H
H
H
L
L
H
H
L
H
L
L
X
X
L
L
L
L
L
L
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27423PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423PE4 TI1-UCC27423PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27423PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com