Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2615RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2615RGZR
Description  Dual, Low-Noise
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2615RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button VCA2615RGZR Datasheet HTML 6Page - Texas Instruments VCA2615RGZR Datasheet HTML 7Page - Texas Instruments VCA2615RGZR Datasheet HTML 8Page - Texas Instruments VCA2615RGZR Datasheet HTML 9Page - Texas Instruments VCA2615RGZR Datasheet HTML 10Page - Texas Instruments VCA2615RGZR Datasheet HTML 11Page - Texas Instruments VCA2615RGZR Datasheet HTML 12Page - Texas Instruments VCA2615RGZR Datasheet HTML 13Page - Texas Instruments VCA2615RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
VCA2615
SBOS316D − JULY 2005 − REVISED OCTOBER 2008
www.ti.com
10
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD = 5V, load resistance = 500Ω on each output to ground; the input to the preamp (LNP) is single-ended;
fIN = 5MHz, LNP Gain (G1, G2) = 10, H/L = 0, VCNTL = 2.5V; VCA output is 1VPP differential; CA, CB = 3.9µF, unless otherwise noted.
Figure 25
10
1
0.1
INPUT−REFERRED NOISE vs FREQUENCY
(LNP Only)
Frequency (MHz)
110
LNP 11
LNP 10
LNP 00
LNP 01
Figure 26
−50
−52
−54
−56
−58
−60
−62
−64
−66
−68
−70
DISTORTION vs FREQUENCY
(2nd−Harmonic, Lo VGA Gain)
Frequency (MHz)
110
LNP 11
LNP 10
LNP 01
LNP 00
Figure 27
−40
−45
−50
−55
−60
DISTORTION vs FREQUENCY
(3rd−Harmonic, Lo VGA Gain)
Frequency (MHz)
110
LNP 11
LNP 10
LNP 01
LNP 00
Figure 28
−50
−52
−54
−56
−58
−60
−62
−64
−66
−68
−70
DISTORTION vs FREQUENCY
(2nd−Harmonic, Hi VGA Gain)
Frequency (MHz)
110
LNP 11
LNP 10
LNP 01
LNP 00
Figure 29
−40
−45
−50
−55
−60
−65
−70
DISTORTION vs FREQUENCY
(3rd−Harmonic, Hi VGA Gain)
Frequency (MHz)
110
LNP 11
LNP 10
LNP 01
LNP 00
Figure 30
−30
−35
−40
−45
−50
−55
−60
−65
−70
2nd−HARMONIC DISTORTION vs V
CNTL
(Lo VGA Gain)
V
CNTL (V)
LNP 00
LNP 01
LNP 11
LNP 10


Similar Part No. - VCA2615RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2615RGZR TI-VCA2615RGZR Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results

Similar Description - VCA2615RGZR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
   Low Noise Dual Preamplifier
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
   LOW NOISE DUAL PREAMPLIFIER
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
   DUAL LOW - NOISE PREAMPLIFIER
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
   DUAL LOW NOISE VCA
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
[Old version datasheet]   Low Noise Dual Preamplifier
logo
Curtis Electromusic.
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
   DUAL LOW NOISE VCA
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com