Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP501DA Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OP501DA
Description  Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP501DA Datasheet(HTML) 5 Page - OPTEK Technologies

  OP501DA Datasheet HTML 1Page - OPTEK Technologies OP501DA Datasheet HTML 2Page - OPTEK Technologies OP501DA Datasheet HTML 3Page - OPTEK Technologies OP501DA Datasheet HTML 4Page - OPTEK Technologies OP501DA Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
02/09
Page 5 of 5
Silicon Phototransistor and Photo Darlington
in Miniature 0805 SMD Package
OP500, OP501, OP500DA, OP501DA
0
0.50
1.0
Irradiance- Ee(mW/cm2)
100%
120%
140%
160%
-25
0
25
50
75
100
Temperature—(°C)
80%
60%
1.5
90%
100%
110%
120%
130%
80%
70%
140%
2.0
40%
Normalized at Ee = 1mW/cm2
Conditions: VCE = 5V,
λ = 935nm, TA = 25 °C
Normalized at TA = 25°C .
Conditions: VCE = 5V,
OP500DA, OP501DA
Relative On-State Collector Current
vs. Irradiance—Ee (mW/cm
2)
Relative On-State Collector Current-IC (mA)
vs. Temperature-TA


Similar Part No. - OP501DA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP501DA TTELEC-OP501DA Datasheet
240Kb / 5P
   Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
More results

Similar Description - OP501DA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP500 TTELEC-OP500 Datasheet
240Kb / 5P
   Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
OP525 TTELEC-OP525 Datasheet
380Kb / 5P
   Silicon Phototransistor and Photo Darlington in 1210 SMD Package
OP520DA TTELEC-OP520DA Datasheet
958Kb / 4P
   Silicon Photo Darlington in Miniature 1206 SMD Package
logo
OPTEK Technologies
OP525 OPTEK-OP525 Datasheet
380Kb / 5P
   Silicon Phototransistor and Photo Darlington
logo
Vishay Siliconix
TEMT7000 VISHAY-TEMT7000 Datasheet
134Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.2, 18-Oct-11
TEMT7000X01 VISHAY-TEMT7000X01_V02 Datasheet
140Kb / 7P
   Silicon Phototransistor in 0805 Package
01-Jan-2023
TEMT7000X01 VISHAY-TEMT7000X01 Datasheet
132Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.1, 21-Feb-11
TEMT7000X01 VISHAY-TEMT7000X01_V01 Datasheet
139Kb / 7P
   Silicon Phototransistor in 0805 Package
01-Jan-2022
TEMT7100X01 VISHAY-TEMT7100X01_V02 Datasheet
145Kb / 7P
   Silicon Phototransistor in 0805 Package
01-Jan-2023
TEMT7100X01 VISHAY-TEMT7100X01 Datasheet
131Kb / 7P
   Silicon Phototransistor in 0805 Package
Rev. 1.1, 21-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com