Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2894DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2894DRG4
Description  CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2894DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2894DRG4 Datasheet HTML 1Page - Texas Instruments UCC2894DRG4 Datasheet HTML 2Page - Texas Instruments UCC2894DRG4 Datasheet HTML 3Page - Texas Instruments UCC2894DRG4 Datasheet HTML 4Page - Texas Instruments UCC2894DRG4 Datasheet HTML 5Page - Texas Instruments UCC2894DRG4 Datasheet HTML 6Page - Texas Instruments UCC2894DRG4 Datasheet HTML 7Page - Texas Instruments UCC2894DRG4 Datasheet HTML 8Page - Texas Instruments UCC2894DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
UCC2891, UCC2892
UCC2893, UCC2894
SLUS542F − OCTOBER 2003 − REVISED JULY 2009
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Line input voltage, VIN
120
V
Supply voltage, VDD
(IDD < 10 mA)
16.5
V
Analog inputs
FB, CS, SYNC, LINEOV, LINEUV
−0.3 to (VREF + 0.3)
not to exceed 6
V
Output source current (peak), IO_SOURCE
OUT, AUX
2.5
A
Output sink current (peak), IO_SINK
OUT, AUX
−2.5
A
Operating junction temperature range, TJ
−55 to 150
°C
Storage temperature, Tstg
−65 to 150
°C
ESD rating
Human body model, (HBM)
2000
V
ESD rating
Change device model (CDM)
500
V
Lead temperature, Tsol, 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to
GND. Currents are positive into and negative out of, the specified terminal.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Line input voltage, VIN
18
110
V
Supply voltage, VDD
8.5
12.0
16.0
V
Supply bypass capacitance
1
µF
Timing resistance, RON = ROFF (for 250-kHz
operation)
75
k
Operating junction temperature, TJ
−40
105
°C
Reference bypass capacitance, CREF
0.1
1
µF
ORDERING INFORMATION
PART NUMBERS
TA
APPLICATION
AUX
OUTPUT
POLARITY
CS
THRESHOLD
(INCLUDES
SLOPE COM-
PENSATION)
110-V START-UP
CIRCUIT
SOIC−16
(D)
TSSOP−16
(PW)
DC−DC
P-Channel
0.75 V
Yes
UCC2891D
UCC2891PW
−40
°C to 125°C
DC-DC/Sec. Side
P-Channel
1.27 V
No
UCC2892D
UCC2892PW
−40
°C to 125°C
DC−DC
N-Channel
0.75 V
Yes
UCC2893D
UCC2893PW
Off−Line
N-Channel
1.27 V
No
UCC2894D
UCC2894PW
† The D and PW packages are available taped and reeled. Add R suffix to device type (e.g. UCC2891DR) to order quantities of 2,500
devices per reel (for the D package) and 2,000 devices per reel (for the PW package). Bulk quantities are 40 units per tube (for the D
package) and 90 units per tube (for the PW package).


Similar Part No. - UCC2894DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2894D TI-UCC2894D Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com