Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27325DGN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27325DGN
Description  Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27325DGN Datasheet(HTML) 3 Page - Texas Instruments

  UCC27325DGN Datasheet HTML 1Page - Texas Instruments UCC27325DGN Datasheet HTML 2Page - Texas Instruments UCC27325DGN Datasheet HTML 3Page - Texas Instruments UCC27325DGN Datasheet HTML 4Page - Texas Instruments UCC27325DGN Datasheet HTML 5Page - Texas Instruments UCC27325DGN Datasheet HTML 6Page - Texas Instruments UCC27325DGN Datasheet HTML 7Page - Texas Instruments UCC27325DGN Datasheet HTML 8Page - Texas Instruments UCC27325DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
www.ti.com
SLUS492H – JUNE 2001 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Analog input voltage (INA, INB)
–0.3 to VDD + 0.3 V
not to exceed 16
V
Output body diode DC current (OUTA, OUTB)
0.2
IOUT_DC
Output current (OUTA, OUTB)
DC
0.2
A
IOUT_PULSE
Pulsed (0.5 µs)
4.5
D
Power dissipation at TA = 25°C
D package
1.14
W
DGN package
2.12
P package
780
mW
Output voltage (OUTA, OUTB)
16
V
VDD
Supply voltage
–0.3
16
V
TJ
Junction operating temperature
–55
150
Tstg
Storage temperature
–65
150
°C
Lead temperature (soldering, 10 sec.)
300
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
ELECTRICAL CHARACTERISTICS
VDD = 4.5 to 15 V, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT (INA, INB)
VIN_H
Logic 1 input threshold
2
V
VIN_L
Logic 0 input threshold
1
Input current
0 V
← VIN ← VDD
–10
10
µA
OUTPUT (OUTA, OUTB)
Output current
VDD = 14 V
(1)
4
V
VOH
High-level output voltage
VOH = VDD – VOUT, IOUT = –10 mA
300
450
mV
VOL
Low-level output level
IOUT = 10 mA
22
45
Output resistance high
TA = 25°C, IOUT = –10 mA, VDD = 14 V
(2)
25
30
35
TA = full range, IOUT = –10 mA, VDD = 14 V
(2)
18
42
Ω
Output resistance low
TA = 25°C, IOUT = 10 mA, VDD = 14 V
(2)
1.9
2.2
2.5
TA = full range, IOUT = 10 mA, VDD = 14 V
(2)
1.2
4
Latch-up protection
500
mA
(1)
The pullup and pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The pulsed output current rating is the
combined current from the bipolar and MOSFET transistors.
(2)
The pullup and pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the RDS(ON) of the
MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC27323 UCC27324 UCC27325 UCC37323 UCC37324 UCC37325


Similar Part No. - UCC27325DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27325DGN TI-UCC27325DGN Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
More results

Similar Description - UCC27325DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com