Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VQA-S24-D15-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VQA-S24-D15-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQA-S24-D15-SIP Datasheet(HTML) 3 Page - CUI INC

  VQA-S24-D15-SIP Datasheet HTML 1Page - CUI INC VQA-S24-D15-SIP Datasheet HTML 2Page - CUI INC VQA-S24-D15-SIP Datasheet HTML 3Page - CUI INC VQA-S24-D15-SIP Datasheet HTML 4Page - CUI INC VQA-S24-D15-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 02/05/2013
│ page 3 of 5
CUI Inc
│ SERIES: VQA │ DESCRIPTION: DC-DC CONVERTER
PERFORMANCE CURVES
100
90
80
70
60
50
40
30
20
10
0
0
8
16
24
32
40
48
56
64
72
80
88
Current IO1 (mA)
1.outputcurrentvs.efficiency
2. output current vs. output voltage
20
18
16
14
12
10
8
6
4
2
0
0
8
16
24
32
40
48
56
64
72
80
88
Current IO1 (mA)
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90 100
Current IO1 (mA)
VQA-S12-D15-SIP, VQA-S15-D15-SIP, VQA-S24-D15-SIP
20
18
16
14
12
10
8
6
4
2
0
0
10
20
30
40
50
60
70
80
90 100
Current IO1 (mA)
VQA-S15-D17-SIP
VQA-S15-D17-SIP
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90 100
Current IO1 (mA)
20
18
16
14
12
10
8
6
4
2
0
0
10
20
30
40
50
60
70
80
90 100
Current IO1 (mA)
VQA-S9-D15-SIP
VQA-S9-D15-SIP
VQA-S12-D15-SIP, VQA-S15-D15-SIP, VQA-S24-D15-SIP


Similar Part No. - VQA-S24-D15-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VQA-S24-D15-SIP CUI-VQA-S24-D15-SIP Datasheet
1Mb / 7P
   DC-DC CONVERTER
VQA-S24-D15-SIP CUI-VQA-S24-D15-SIP Datasheet
1Mb / 7P
   DC-DC CONVERTER
VQA-S24-D15-SIP CUI-VQA-S24-D15-SIP Datasheet
890Kb / 7P
   DC-DC CONVERTER
01/18/2021
More results

Similar Description - VQA-S24-D15-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com