Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27425DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27425DRG4
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27425DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC27425DRG4 Datasheet HTML 1Page - Texas Instruments UCC27425DRG4 Datasheet HTML 2Page - Texas Instruments UCC27425DRG4 Datasheet HTML 3Page - Texas Instruments UCC27425DRG4 Datasheet HTML 4Page - Texas Instruments UCC27425DRG4 Datasheet HTML 5Page - Texas Instruments UCC27425DRG4 Datasheet HTML 6Page - Texas Instruments UCC27425DRG4 Datasheet HTML 7Page - Texas Instruments UCC27425DRG4 Datasheet HTML 8Page - Texas Instruments UCC27425DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
+5V
INPUT
16V
OUTPUT
0V
0V
10%
90%
10%
90%
(a)
90%
90%
10%
90%
(b)
INPUT
OUTPUT
10%
tD1
tD2
tF
tf
tD1
tF
tF
tD2
UCC27423, UCC27424, UCC27425
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
VDD = 4.5V to 15 V, TA = –40°C to 125°C,TA = TJ (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
ENABLE (ENBA, ENBB)
VIN_H
High-level input voltage
LO to HI transition
1.7
2.4
2.9
VIN_L
Low-level input voltage
HI to LO transition
1.1
1.8
2.2
V
Hysteresis
0.15
0.55
0.90
RENBL
Enable impedance
VDD = 14 V, ENBL = GND
75
100
140
k
tD3
Propagation delay time (see Figure 2)
CLOAD = 1.8 nF
30
60
ns
tD4
Propagation delay time (see Figure 2)
CLOAD = 1.8 nF
100
150
OVERALL
INA = 0 V, INB = 0 V
900
1350
INA = 0 V, INB = HIGH
750
1100
UCC27423
μA
INA = HIGH, INB = 0 V
750
1100
INA = HIGH, INB = HIGH
600
900
INA = 0 V, INB = 0 V
300
450
Static operating current,
INA = 0 V, INB = HIGH
750
1100
IDD
VDD = 15 V,
UCC27424
μA
INA = HIGH, INB = 0 V
750
1100
ENBA = ENBB = 15 V
INA = HIGH, INB = HIGH
1200
1800
INA = 0 V, INB = 0 V
600
900
INA = 0 V, INB = HIGH
1050
1600
UCC27425
μA
INA = HIGH, INB = 0 V
450
700
INA = HIGH, INB = HIGH
900
1350
INA = 0 V, INB = 0 V
300
450
INA = 0 V, INB = HIGH
450
700
Disabled, VDD = 15 V,
IDD
All
μA
ENBA = ENBB = 0 V
INA = HIGH, INB = 0 V
450
700
INA = HIGH, INB = HIGH
600
900
(1)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors.
(2)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the Rds(on) of the
MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
Figure 1. Switching Waveforms for (a) Inverting Driver and (b) Noninverting Driver
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27425DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27425DRG4 TI1-UCC27425DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425DRG4 TI1-UCC27425DRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27425DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com