Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37323D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37323D
Description  Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37323D Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC37323D Datasheet HTML 4Page - Texas Instruments UCC37323D Datasheet HTML 5Page - Texas Instruments UCC37323D Datasheet HTML 6Page - Texas Instruments UCC37323D Datasheet HTML 7Page - Texas Instruments UCC37323D Datasheet HTML 8Page - Texas Instruments UCC37323D Datasheet HTML 9Page - Texas Instruments UCC37323D Datasheet HTML 10Page - Texas Instruments UCC37323D Datasheet HTML 11Page - Texas Instruments UCC37323D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UCC27323
GND
1
2
3
4
INB
INA
7
6
5
8
OUTA
VDD
OUTB
1 μF
CER
100 μF
AL EL
DSCHOTTKY
VDD
C2
1 μF
VSNS
RSNS
0.1
C3
100 μF
10
ENBA
ENBB
4.5 V
Signal
Generator
250 ns
UCC27323, UCC27324, UCC27325
UCC37323, UCC37324, UCC37325
SLUS492H – JUNE 2001 – REVISED MAY 2013
www.ti.com
Figure 3.
Note that the current sink capability is slightly stronger than the current source capability at lower VDD. This
stronger capability is due to the differences in the structure of the bipolar-MOSFET power output section, where
the current source is a P-channel MOSFET and the current sink has an N-channel MOSFET.
In a large majority of applications it is advantageous that the turn-off capability of a driver is stronger than the
turn-on capability. This helps to ensure that the MOSFET is held OFF during common power supply transients
which may turn the device back ON.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: UCC27323 UCC27324 UCC27325 UCC37323 UCC37324 UCC37325


Similar Part No. - UCC37323D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37323D TI-UCC37323D Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC37323DGN TI-UCC37323DGN Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
More results

Similar Description - UCC37323D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com