Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38084DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC38084DG4
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38084DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC38084DG4 Datasheet HTML 2Page - Texas Instruments UCC38084DG4 Datasheet HTML 3Page - Texas Instruments UCC38084DG4 Datasheet HTML 4Page - Texas Instruments UCC38084DG4 Datasheet HTML 5Page - Texas Instruments UCC38084DG4 Datasheet HTML 6Page - Texas Instruments UCC38084DG4 Datasheet HTML 7Page - Texas Instruments UCC38084DG4 Datasheet HTML 8Page - Texas Instruments UCC38084DG4 Datasheet HTML 9Page - Texas Instruments UCC38084DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488E − SEPTEMBER 2002 − REVISED JULY 2009
6
www.ti.com
detailed pin descriptions
CTRL: The error voltage is typically generated by a secondary-side error amplifier and transmitted to the
primary-side referenced UCC3808x by means of an opto-coupler. CTRL has an internal divider ratio of 0.45 to
maintain a usable range with the minimum VDD of 4.1 V. The UCC38083/UCC38084 family features a built-in
full-cycle soft start while the UCC38085/6 does not.
For the UCC38083/4, soft-start is implemented as a clamp at the input to the PWM comparator. This causes
the output pulses to start near 0% duty cycle and increase until the clamp exceeds the CTRL voltage.
ISET: Program the slope compensation current ramp by connecting a resistor, RSET, from ISET to ground. The
voltage of the ISET pin tracks the 1.5-V internal oscillator ramp, as shown in Figure 1.
ISET
IRAMP
OUTA
OUTB
I RAMP, peak = 5 x ISET, peak
1
2
3
4
UCC38083
8
7
6
5
1
mF
VDD
RT
165 k
W
220
mF
10 k
W
RF
1 k
W
I
RAMP
VCS
CTRL VDD
ISET
CS
RT
OUTA
OUTB
GND
Figure 1. Full Duty Cycle Output
The compensating current source, ISLOPE, at the CS pin is proportional to the ISET current, according to the
relation:
I
SLOPE +
5
I
SET
The ramping current due to ISLOPE develops a voltage across the effective filter impedance that is normally
connected from the current sense resistor to the CS input. In order to program a desired compensating slope
with a specific peak compensating ramp voltage at the CS pin, use the RSET value in the following equation:
RSET
+ V
OSC(peak)
5
RF
RAMP VOLTAGE HEIGHT
Where V
OSC(peak) +
1.5 V
Notice that the PWM Latch drives an internal MOSFET that will discharge an external filtering capacitor on the
CS pin. Thus, ISLOPE will appear to terminate when the PWM comparator or the cycle-by-cycle current limit
comparator sets the PWM latch. The actual compensating slope is not affected by premature termination of the
switching cycle.
(1)
(2)


Similar Part No. - UCC38084DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38084 TI-UCC38084 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC38084DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com