Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38084DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38084DR
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38084DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC38084DR Datasheet HTML 3Page - Texas Instruments UCC38084DR Datasheet HTML 4Page - Texas Instruments UCC38084DR Datasheet HTML 5Page - Texas Instruments UCC38084DR Datasheet HTML 6Page - Texas Instruments UCC38084DR Datasheet HTML 7Page - Texas Instruments UCC38084DR Datasheet HTML 8Page - Texas Instruments UCC38084DR Datasheet HTML 9Page - Texas Instruments UCC38084DR Datasheet HTML 10Page - Texas Instruments UCC38084DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488E − SEPTEMBER 2002 − REVISED JULY 2009
7
www.ti.com
detailed pin descriptions (continued)
OUTA and OUTB: Alternating high-current output stages. Both stages are capable of driving the gate of a power
MOSFET. Each stage is capable of 500-mA peak-source current, and 1-A peak-sink current.
The output stages switch at half the oscillator frequency, in a push-pull configuration. When the voltage on the
internal oscillator capacitor is rising, one of the two outputs is high, but during fall time, both outputs are off. This
dead time between the two outputs, along with a slower output rise time than fall time, ensures that the two
outputs cannot be on at the same time. This dead time is typically 110 ns.
The high-current output drivers consist of MOSFET output devices, which switch from VDD to GND. Each output
stage also provides a very low impedance to overshoot and undershoot. This means that in many cases,
external Schottky clamp diodes are not required.
RT: The oscillator programming pin. The oscillator features an internal timing capacitor. An external resistor,
RT, sets a current from the RT pin to ground. Due to variations in the internal CT, nominal VRT of 1.5 V can vary
from 1.2 V to 1.6 V
Selecting RT as shown programs the oscillator frequency:
RT
+
1
28.7
10−12
1
f
OSC
* 2.0
10−7
where fOSC is in Hz, resistance in Ω. The recommended range of timing resistors is between 25 kΩ and 698 kΩ.
For best performance, keep the timing resistor lead from the RT pin to GND (pin 5) as short as possible.
UDG−01083
Approximate Frequency
+
1
28.7
10−12
R
T ) 2.0
10−7
4
1.5 V
0.2 V
SQ
R
I
RT
I
CT
C T
1.5 V
OSCILLATOR
OUTPUT
R
T
Figure 2. Block Diagram for Oscillator
VDD: The power input connection for this device. Although quiescent VDD current is very low, total supply
current may be higher, depending on OUTA and OUTB current, and the programmed oscillator frequency. Total
VDD current is the sum of quiescent VDD current and the average OUT current. Knowing the operating
frequency and the MOSFET gate charge (QG), average OUT current can be calculated from:
I
OUT +
Q
G
f
OSC
where f is the oscillator frequency.
To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip as possible along
with an electrolytic capacitor. A 1-
µF decoupling capacitor is recommended.
(3)
(4)


Similar Part No. - UCC38084DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38084 TI-UCC38084 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results

Similar Description - UCC38084DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com