Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP6007 Datasheet(PDF) 2 Page - First Components International

Part # FGP6007
Description  60 Amp Glass Passivated Standard Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FGP6007 Datasheet(HTML) 2 Page - First Components International

  FGP6007 Datasheet HTML 1Page - First Components International FGP6007 Datasheet HTML 2Page - First Components International FGP6007 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
100
110
120
130
140
1
75
0
10
2030
40506070
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
R
(DC) =
1.2 C/W
thJC
110
120
130
140
1
75
0
2040
6080
100
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
R
(DC) =
1.2 C/W
thJC
0
10
20
30
40
50
60
70
80
90
100
110
0
20
406080
100
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
T = 1
75°C
J
0
10
20
30
40
50
60
70
80
90
0
10
2030
40
50
6070
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
T = 1
75°C
J
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
300
400
500
600
700
800
900
1000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 1
75°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
200
400
600
800
1000
1200
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 1
75°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current


Similar Part No. - FGP6007

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FGP-1000 LVL1-FGP-1000_16 Datasheet
507Kb / 3P
   10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
logo
Yamaichi Electronics Co...
FGP-1001-0501-2-0FF YAMAICHI-FGP-1001-0501-2-0FF Datasheet
85Kb / 1P
   PC Board Transition Header (2 Rows)
FGP-1001-0502-2-0FF YAMAICHI-FGP-1001-0502-2-0FF Datasheet
85Kb / 1P
   PC Board Transition Header (2 Rows)
FGP-1401-0501-2-0FF YAMAICHI-FGP-1401-0501-2-0FF Datasheet
85Kb / 1P
   PC Board Transition Header (2 Rows)
More results

Similar Description - FGP6007

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FGFP6007 FCI-FGFP6007 Datasheet
442Kb / 3P
   60 Amp Glass Passivated Standard Rectifiers
FG1001 FCI-FG1001 Datasheet
378Kb / 2P
   10 Amp Glass Passivated Standard Rectifiers
FG10A01 FCI-FG10A01 Datasheet
4Mb / 2P
   10 Amp Glass Passivated Standard Rectifiers
logo
Goodwork Semiconductor ...
1N5400G GWSEMI-1N5400G Datasheet
65Kb / 2P
   AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
6A05G JGD-6A05G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
   3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com