Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8553ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8553ARMZ
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8553ARMZ Datasheet HTML 1Page - Analog Devices AD8553ARMZ Datasheet HTML 2Page - Analog Devices AD8553ARMZ Datasheet HTML 3Page - Analog Devices AD8553ARMZ Datasheet HTML 4Page - Analog Devices AD8553ARMZ Datasheet HTML 5Page - Analog Devices AD8553ARMZ Datasheet HTML 6Page - Analog Devices AD8553ARMZ Datasheet HTML 7Page - Analog Devices AD8553ARMZ Datasheet HTML 8Page - Analog Devices AD8553ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8553
Rev. A | Page 4 of 20
VS = 1.8 V, VCM = -0 V, VREF = VS/2, VIN = VINP − VINN, RLOAD = 10 kΩ, TA = 25°C, G = 100, unless specified. See Table 5 for gain setting
resistor values. Temperature specifications guaranteed by characterization.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
G = 1000
3
20
μV
G = 100
3
20
μV
G = 10
14
50
μV
G = 1
130
375
μV
Vs. Temperature
ΔVOS/ΔT
G = 1000, −40°C ≤ TA ≤ +85°C
0.02
0.25
μV/°C
G = 100, −40°C ≤ TA ≤ +85°C
0.02
0.25
μV/°C
G = 10, −40°C ≤ TA ≤ +85°C
0.1
3
μV/°C
G = 1, −40°C ≤ TA ≤ +85°C
1
10
μV/°C
Input Bias Current
IB
0.05
1
nA
−40°C ≤ TA ≤ +85°C
2
nA
Input Offset Current
IOS
2
nA
VREF Pin Current
IREF
0.02
1
nA
Input Operating Impedance
Differential
50||1
MΩ||pF
Common Mode
10||10
GΩ||pF
Input Voltage Range
0
0.15
V
Common-Mode Rejection
CMR
G = 100, VCM = 0 V to 0.15 V, −40°C ≤ TA ≤ +85°C
100
110
dB
G = 10, VCM = 0 V to 0.15 V, −40°C ≤ TA ≤ +85°C
90
110
dB
Gain Error
G = 100, VCM =4.125 mV, VO = 0.075 V to 1.725 V
0.2
0.4
%
G = 10, VCM = 41.25 mV, VO = 0.075 V to 1.725 V
0.2
0.4
%
Gain Drift
G = 10, 100, 1000, −40°C ≤ TA ≤ +85°C
25
ppm/°C
G = 1, −40°C ≤ TA ≤ +85°C
50
ppm/°C
Nonlinearity
G = 100, VCM = 4.125 mV, VO = 0.075 V to 1.725 V
0.003
% FS
G = 10, VCM = 41.25 mV, VO = 0.075 V to 1.725 V
0.010
% FS
VREF Range
0.8
1.0
V
OUTPUT CHARACTERISITICS
Output Voltage High
VOH
1.725
V
Output Voltage Low
VOL
0.075
V
Short-Circuit Current
ISC
±5
mA
POWER SUPPLY
Power Supply Rejection
PSR
G = 100, VS = 1.8 V to 5.5 V, VCM = 0 V
100
120
dB
Supply Current
ISY
IO = 0 mA, VIN = 0 V
0.8
1.2
mA
−40°C ≤ TA ≤ +85°C
1.4
mA
Supply Current Shutdown Mode
ISD
2
4
μA
ENABLE INPUTS
Logic High Voltage
1.4
V
Logic Low Voltage
0.5
V
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.01 Hz to 10 Hz
0.7
μV p-p
Voltage Noise Density
en
G = 100, f = 1 kHz
30
nV/√Hz
G = 10, f = 1 kHz
150
nV/√Hz
Internal Clock Frequency
60
kHz
Signal Bandwidth1
G = 1 to 1000
1
kHz
1 Higher bandwidths result in higher noise.


Similar Part No. - AD8553ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8553ARMZ AD-AD8553ARMZ Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ AD-AD8553ARMZ Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
More results

Similar Description - AD8553ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com