Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114EE Datasheet(PDF) 3 Page - Rohm

Part # DTA114EE
Description  PNP -100mA -50V Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114EE Datasheet(HTML) 3 Page - Rohm

  DTA114EE Datasheet HTML 1Page - Rohm DTA114EE Datasheet HTML 2Page - Rohm DTA114EE Datasheet HTML 3Page - Rohm DTA114EE Datasheet HTML 4Page - Rohm DTA114EE Datasheet HTML 5Page - Rohm DTA114EE Datasheet HTML 6Page - Rohm DTA114EE Datasheet HTML 7Page - Rohm DTA114EE Datasheet HTML 8Page - Rohm DTA114EE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA114E series
Electrical characteristic curves(Ta = 25°C)
0
-10
-20
-30
-40
-50
0-5
-10
100μA
0A
120μA
140μA
160μA
180μA
200μA
220μA
240μA
260μA
280μA
300μA
I
I=
Ta=25ºC
1k
500
200
100
50
20
10
5
2
1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
Ta = 100oC
25oC
−40oC
VO
= −5V
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : I
O [A]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : V
I(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : V
O [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : I
O [A]
−100
−50
−20
−10
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ−500µ
−2m
−20m
−5m
−50m
−5
−2
−1
−500m
VO
= −0.3V
Ta =
−40oC
25oC
100oC
0
−3.0
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5
−2.0
−2.5
Vcc
= −5V
Ta = 100oC
25oC
−40oC
3/10
2012.02 - Rev.E


Similar Part No. - DTA114EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA114EE ONSEMI-DTA114EE Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
WILLAS ELECTRONIC CORP
DTA114EE WILLAS-DTA114EE Datasheet
443Kb / 2P
   PNP Digital Transistor
logo
Micro Commercial Compon...
DTA114EE MCC-DTA114EE Datasheet
222Kb / 2P
   Digital Transistors
logo
Rohm
DTA114EE ROHM-DTA114EE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA114EE ROHM-DTA114EE Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA143E ROHM-DTA143E Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com