Electronic Components Datasheet Search
Selected language     English  ▼


C Datasheet(PDF) 1 Page - Bi technologies

Part No. C
Description  Isolated or bussed circuits
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 1 page
background image
Single-In-Line Conformal
Coated Capacitor Networks
C Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
· Isolated or bussed circuits
· 4 to 14 Leads
Electrical
Dielectric Table
Rated Voltage
25Vdc, 50Vdc, 100Vdc
Capacitance Range
10pF to 1μF (Custom 2.2pF to 10pF max.)
Tolerance
J Tol.
±5%
K Tol.
±10%
M Tol.
±20%
Z Tol.
+80% to -20%
Temperature Coefficient
(% of Change)
Refer to Dielectric Table
Operating Temperature Range
CG & X7R: -55°C to +125°C
Y5V: -30°C to +85°C
Dielectric
Characteristics
Values
X7R
±15% (-55 to +125°C)
1000pF to 1μF
Y5V
+22% to -82% (-30 to +85°C)
100nF to 1μF
CG (NPO)
±30ppm/°C
100pF to 1μF
Specifications subject to change without notice.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl