Selected language     English  ▼


C Datasheet(PDF) 2 Page - Bi technologies

Part No. C
Description  Isolated or bussed circuits
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 2 page
background image
Single-In-Line Conformal
Coated Capacitor Networks
C Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Outline Dimensions (Inch/mm)
Schematics
.300
7.62
Max.
.100(2.54mm) x n + .050(1.27mm) Max.
.100±.010
2.54±0.25
.130
3.3
Max.
.138±0.03
3.5±0.8
n = # of Leads
12
3n
12
n + 1
2
n
12
3n
n-1
4
n-1
n -1
n
2
1
n-1
34
n
2
1
n-2
3
n-1
ti
u
c
ri
C
2
-
ti
u
c
ri
C
1
-
-4 Circuit
-3 Circuit
-8 Circuit




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl