Selected language     English  ▼


C Datasheet(PDF) 3 Page - Bi technologies

Part No. C
Description  Isolated or bussed circuits
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 3 page
background image
Single-In-Line Conformal
Coated Capacitor Networks
C Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Typical Part Marking
C10 - 1 102MSL
Lead #1
Indicator
Logo
Model
Date Code
Ordering Information
Model Series
No. of Leads:
4 to 14 pins
Circuit Type
Capacitance Code:
102 = 1,000pF
Rated Voltage:
2 = 25Vdc
5 = 50Vdc
1 = 100Vdc
Dielectric Code:
X7R: 680pF ~ 47nF
Y5V: 10pF ~ 1,500pF
CG (NPO): 10pF ~ 1,500pF
Tolerance:
J = ±5%
K = ±10%
M = ±20%
Z = –20% ~ +80%
C 10 1 102 M SL 2 LF
LF: R0HS compliant




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl