Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5B6 Datasheet(PDF) 5 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM5B6
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM5B6 Datasheet(HTML) 5 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM5B6 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM5B6 Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZMM1B...ZMM200B
1
T
1
10 S
100V
VR=2V
1
10
23
4 5
3
2
4
5
10
2
Vz at Iz=5 mA
5
4
3
VR=1V
Ctot
ZMM...
pF
3
100
7
2
VR=2V
5
4
1000
7
VR=1V
Tj=25 C
o
Capacitance versus
Zener voltage
-5
10
10
-4
10
-3
10
-2
-1
tp
10
1
5
0.1
1
2
5
1
2
3
4
10
Iz
2
5
2
5
100mA
Dynamic resistance
versus Zener current
rzj
10
2
4
3
5
100
0.1
2
5
1
o
Tj=25 C
ZMM...
10
2
5
Iz
2
5
100mA
Pulse thermal resistance
versus pulse duration
Valid provided that the electrodes are kept
at ambient temperature.
K/W
ZMM...
rthA
4
0.1
7
3
2
4
5
0.05
0.01
0.02
10
3
2
V=0
tp
T
V=
tp
PI
0.5
0.2
10
7
5
2
2
5
4
3
10
7
3
ZMM...
2
5
4
3
10
2
3
rzj
100
4
5
2
5
3
4
1000
Tj=25 C
o
Dynamic resistance
versus Zener current
2B7
3B6
4B7
5B1
ZMM5B6
33B
27B
15B
12B
ZMM1B
22B
18B
10B
6B8/8B2
ZMM6B2
XINGHE ELECTRONICS
星合电子


Similar Part No. - ZMM5B6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM5B6 DIOTEC-ZMM5B6 Datasheet
79Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM5B6 SEMTECH_ELEC-ZMM5B6 Datasheet
454Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM5B6 DGNJDZ-ZMM5B6 Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Diotec Semiconductor
ZMM5B6 DIOTEC-ZMM5B6 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM5B6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com