Selected language     English  ▼


L Datasheet(PDF) 5 Page - Bi technologies

Part No. L
Description  Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 5 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
08.12
Ordering Information
Applicable Documents
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
L 08 5 S 331 / 471 F LF XX
Model Series
Number of Leads:
4 thru 14
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
M1 or M2 = Tube **
(No code used for standard bulk packaging.)
LF: RoHS Compliant
Tolerance Code:
F = ±1%
J = ±5%
(No code used for 2% standard.)
R2 Resistance Code:
(Add for -5 circuit only)
Resistance Code:
First 2 digits are significant.
Last digit denotes number of trailing zeros.
For "F" tolerance first 3 digits are significant.
Fourth digit denotes number of trailing zeros.
* Refer to Packaging for Automation section (Page A-3) for Ammo Pack capacity and dimensions.
** Refer to Packaging for Automation section (Page A-4) for M1 and M2 tube capacity and dimensions.
3T = Ammo Pack, 3 leads only attached to tape.*




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl