Electronic Components Datasheet Search
Selected language     English  ▼


L Datasheet(PDF) 1 Page - Bi technologies

Part No. L
Description  Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 1 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
08.12
· Thick Film
· Low Profile SIP
· Conformal Coated
· Resistor Networks
· RoHS Compliant
Electrical
Environmental
Standard Resistance Range, Ohms
1%: 22R - 1M; 2%:10R - 5M6; 5%: 10R - 10M
Standard Resistance Tolerance, at 25°C
±2%
Optional: ±1% (F Tol.), ±5% (J Tol.)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C (<50 Ohms = ±250ppm/°C)
Temperature Coefficient of Resistance, Tracking
±50ppm/°C
Maximum Operating Voltage
100Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Thermal Shock plus Power Conditioning
ΔR 0.70%
Short Time Overload
ΔR 0.25%
Terminal Strength
ΔR 0.25%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Storage
ΔR 0.25%
High Temperature Exposure
ΔR 0.50%
Load Life, 1,000 Hours
ΔR 1.00%
Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B)
ΔR 0.25%
Dielectric Withstand Voltage
200V for 1 minute
Marking Permanency
MIL-STD 202, Method 215
Lead Solderability
MIL-STD 202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +150°C
Specifications subject to change without notice.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl