Electronic Components Datasheet Search
Selected language     English  ▼


L Datasheet(PDF) 2 Page - Bi technologies

Part No. L
Description  Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

   
 2 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
08.12
Mechanical
Standard Resistance Values, Ohms Power Derating Curve
-3 Circuit (Isolated Resistors) & -1 Circuits (Bussed Resistors)
Ohms
Code
Ohms
Code
Ohms
Code
22
220
820
821
33K
333
27
270
1K
102
39K
393
33
330
1.2K
122
47K
473
39
390
1.5K
152
51K
513
47
470
1.8K
182
56K
563
51
510
2K
202
68K
683
56
560
2.2K
222
82K
823
68
680
2.7K
272
100K
104
82
820
3.3K
332
120K
124
100
101
3.9K
392
150K
154
120
121
4.7K
472
180K
184
150
151
5.1K
512
200K
204
180
181
5.6K
562
220K
224
200
201
6.8K
682
270K
274
220
221
8.2K
822
330K
334
270
271
10K
103
390K
394
330
331
12K
123
470K
474
390
391
15K
153
510K
514
470
471
18K
183
560K
564
510
511
20K
203
680K
684
560
561
22K
223
820K
824
680
681
27K
273
1Meg
105
-5 Circuit (Dual Terminators)
Power Dissipation, Watts At 70°C
Ohms
Code
Ohms
Code
Ohms
Code
— Resistor (Per Circuit) —
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
Model
Package
-1
-3
-5
180/390
181/391
330/390
331/391
3K/6.2K
302/622
L06
.6
.125
.200
.125
220/270
221/271
330/470
331/471
-
-
L08
.8
.125
.200
.125
220/330
221/331
330/680
331/681
-
-
L10
1.0
.125
.200
.125
Lead Finish
SnAgCu
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Conformal Epoxy Resin
Percent of
Rated Power
100
80
60
40
20
0
150
125
70
-0
Degrees C




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl