Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM47B Datasheet(PDF) 7 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM47B
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM47B Datasheet(HTML) 7 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM47B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM47B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5.1
0
60
at Iz=5 mA
-0.2
0
-0.1
20
40
X)
C
o
Tj
100
3.6
1
80
120
140
4.7
Change of Zener voltage
versus junction temperature
Vz
0.3
0.1
0.2
0.4
0.6
0.5
0.8
0.7
V
X)
Vz=35 V
5.6
6.2
5.9
8
7
25
15
10
ZMM...
0
10
-0.4
1
2
-0.2
34 5
Vz at Iz=5 mA
23
5
4
100V
0.6
0.2
0.4
0.8
1.2
1
Change of Zener voltge from turn-on
up to the point of thermal equilibrium
versus Zener voltage
Vz=rzth.Iz
Iz=5 mA
1.6
1.4
V
ZMM...
ZMM...
40
40
0
0
20
20
Vz
Tj
60
80
100
100V
60
Vz at Iz=5 mA
80
Iz=5 mA
Vz
Temperature dependence of Zener voltage
versus Zener voltage
mV/K
ZMM...
3
0
-1
20
40
60
1
0
2
Iz=5 mA
120
Tj
100
80
140
o
C
6
4
5
7
8
9
36V
43V
Vz bei Iz=5mA
51V
Change of Zener voltage
versus junction temperature
V
Vz
ZMM1B...ZMM200B
XINGHE ELECTRONICS
星合电子


Similar Part No. - ZMM47B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM47B DIOTEC-ZMM47B Datasheet
79Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
ZMM47B SEMTECH_ELEC-ZMM47B Datasheet
454Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM47B DGNJDZ-ZMM47B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Diotec Semiconductor
ZMM47B DIOTEC-ZMM47B Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM47B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com