Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VK-G01505 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8VK-G01505
Description  Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-G01505 Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8VK-G01505 Datasheet HTML 1Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 2Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 3Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 4Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 5Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 6Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 7Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 8Page - Omron Electronics LLC S8VK-G01505 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
S8VK-G
3
Specifications
Ratings, Characteristics, and Functions
*1.
Do not use an inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal
temperature of the Power Supply may result in ignition or burning.
*2.
For a cold start at 25C. Refer to Engineering Data on page 11 for details.
*3.
If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +15% of the voltage adjustment range. When adjusting
the output voltage, confirm the actual output voltage from the Power Supply and be sure that the load is not damaged.
*4.
A characteristic when the ambient operating temperature is between 25 to 70C.
*5.
To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON.
*6.
90 to 350 VDC’s UL standards are scheduled to obtain certification in June, 2013.
*7.
Scheduled to obtain certification in June, 2013.
Power ratings
15 W
30 W
Item
Output voltage
5 V
12 V
24 V
5 V
12 V
24 V
Efficiency (Typical)
230 VAC input
77%
80%
79%
82%
86%
Input
Voltage *1
100 to 240 VAC, 90 to 350 VDC (allowable range: 85 to 264 VAC) *6
Frequency *1
50/60 Hz (47 to 450 Hz)
Current (Typical)
115 VAC input
0.32 A
0.3 A
0.31 A
0.5 A
0.57 A
0.58 A
230 VAC input
0.2 A
0.21 A
0.2 A
0.32 A
0.37 A
0.36 A
Power factor
(Typical)
230 VAC input
0.42
0.43
0.42
0.43
Harmonic current emissions
Conforms to EN61000-3-2
Leakage current
(Typical)
115 VAC input
0.14 mA
0.13 mA
230 VAC input
0.25 mA
0.24 mA
Inrush current
(Typical) *2
115 VAC input
16 A
230 VAC input
32 A
Output
Voltage adjustment range *3
–10% to 15% (with V.ADJ) (guaranteed)
Ripple *4
at 20 MHz (Typical)
60 mV
50 mV
30 mV
30 mV
30 mV
30 mV
Input variation influence
0.5% max. (at 85 to 264 VAC input, 100% load)
Load variation Influence
(Rated Input voltage)
3.0% max. (5 V), 2.0% max. (12 V), 1.5% max. (24 V), at 0% to 100% load
Temperature variation influence
0.05%/°C max.
Start up time
(Typical) *2
115 VAC input
530 ms
520 ms
580 ms
550 ms
550 ms
600 ms
230 VAC input
330 ms
400 ms
400 ms
430 ms
490 ms
480 ms
Hold time
(Typical) *2
115 VAC input
28 ms
29 ms
32 ms
33 ms
36 ms
23 ms
230 VAC input
134 ms
138 ms
134 ms
177 ms
170 ms
154 ms
Additional
functions
Overload protection *2
121% to 160% of rated load current (130% typ value)
Overvoltage protection *2
Yes *5
Power Boost
120% of rated current (Refer to Engineering Data)
Parallel operation
Yes (Refer to Engineering Data)
Series operation
Possible for up to two Power Supplies (with external diode)
Others
Ambient operating temperature
–40 to 70°C (Refer to Engineering Data)
Storage temperature
–40 to 85°C
Ambient operating humidity
0% to 95% (Storage humidity: 0% to 95%)
Dielectric strength
(detection current: 20 mA)
3.0 kVAC for 1 min. (between all inputs and outputs)
2.0 kVAC for 1 min. (between all inputs and PE terminal)
1.0 kVAC for 1 min. (between all outputs and PE terminal)
Insulation resistance
100 M min. (between all outputs and all inputs/ PE terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
10 to 150 Hz, 0.35-mm single amplitude (5 G max.) for 80 min. each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in ±X, ±Y, and ±Z directions
Output indicatior
Yes (color: green), lighting from 80% to 90% or more of rated voltage
EMI
Conducted Emission Conforms to EN61204-3 EN55011 Class B and based on FCC Class A
Radiated Emission
Conforms to EN61204-3 EN55011 Class B
EMS
Conforms to EN61204-3 high severity levels
Approved Standards
UL Listed: UL508 (Listing, Class2 Output: Per UL1310)
UL UR: UL60950-1 (Recognition)
cUL: CSA C22.2 No.107.1 (Class2 Output: Per CSA C22.2 No.223)
cUR: CSA C22.2 No.60950-1
EN/VDE: EN50178 (=VDE0160), EN60950-1 (=VDE0805)
Lloyd’s standards *7
Fulfilled Standards
SELV (EN60950-1/EN50178/UL60950-1), PELV (EN60204-1, EN50178),
Safety of Power Transformers (EN61558-2-16)
EN50274 for Terminal parts
Degree of protection
IP20 by EN / IEC60529
SEMI
F47-0706 (200 to 240 VAC)
Weight
150 g
195 g


Similar Part No. - S8VK-G01505

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S8VK-G01505

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
   Easy and Reliable The Fiber Sensor That Sees in Color
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
   Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2700921 PHOENIX-2700921 Datasheet
55Kb / 4P
   Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
logo
List of Unclassifed Man...
AOC-CTGS-I2T ETC2-AOC-CTGS-I2T Datasheet
566Kb / 1P
   The most compact Dual-Port 10GbE adapter with 10GBase-T in the market
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com