Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82S-7312 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S82S-7312
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S-7312 Datasheet(HTML) 1 Page - Omron Electronics LLC

  S82S-7312 Datasheet HTML 1Page - Omron Electronics LLC S82S-7312 Datasheet HTML 2Page - Omron Electronics LLC S82S-7312 Datasheet HTML 3Page - Omron Electronics LLC S82S-7312 Datasheet HTML 4Page - Omron Electronics LLC S82S-7312 Datasheet HTML 5Page - Omron Electronics LLC S82S-7312 Datasheet HTML 6Page - Omron Electronics LLC S82S-7312 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSM_S82S_DS_E_2_1
1
Switch Mode Power Supply
S82S (3/7.5-W Models)
Miniature DIN Rail Mounting DC-DC Power
Supplies
• 65 mm depth enables mounting onto control panels with
100 mm depth.
• Inputs: 10.2 to 27.6 VDC (DC input)
• 7.5-W models provide both
±12-V and ±15-V outputs.
• A complete lineup with 10 different models.
• UL and CSA approved.
• RoHS-compliant
! Refer to Safety Precautions for All Power Supplies.
Model Number Structure
■ Model Number Legend
Note: Not all combinations are possible. Please refer to List of Models in Ordering Information, below.
Ordering Information
■ List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
1
3
2
1. Input Voltage
7: 12 to 24 VDC
2. Power Ratings
3. Output Voltage
S82S -
3: 3 W
7: 7.5 W
05: 5 V
12: 12 V
15: 15 V
24: 24 V
27:
±12 V
28:
±15 V
Power ratings
Output voltage
Output current
Model
3 W
5 V
0.6 A
S82S-7305
12 V
0.25 A
S82S-7312
15 V
0.2 A
S82S-7315
24 V
0.13 A
S82S-7324
7.5 W
5 V
1.5 A
S82S-7705
12 V
0.6 A
S82S-7712
15 V
0.5 A
S82S-7715
24 V
0.3 A
S82S-7724
±12 V
0.3 A (+12 V)/0.2 A (–12 V)
S82S-7727
±15 V
0.2 A (+15V)/0.2A (–15 V)
S82S-7728


Similar Part No. - S82S-7312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82S09 ETC1-S82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S19 ETC1-S82S19 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S212 ETC-S82S212 Datasheet
97Kb / 3P
   2304 BIT BIPOLAR RAM
More results

Similar Description - S82S-7312

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
   120W, AC/DC DIN-Rail mounting
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
MPDRK-30 MPD-MPDRK-30 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 30W AC/DC Power Supplies
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com