Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8489EDB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI8489EDB
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8489EDB Datasheet(HTML) 4 Page - Vishay Siliconix

  SI8489EDB Datasheet HTML 1Page - Vishay Siliconix SI8489EDB Datasheet HTML 2Page - Vishay Siliconix SI8489EDB Datasheet HTML 3Page - Vishay Siliconix SI8489EDB Datasheet HTML 4Page - Vishay Siliconix SI8489EDB Datasheet HTML 5Page - Vishay Siliconix SI8489EDB Datasheet HTML 6Page - Vishay Siliconix SI8489EDB Datasheet HTML 7Page - Vishay Siliconix SI8489EDB Datasheet HTML 8Page - Vishay Siliconix SI8489EDB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 62752
S12-1763-Rev. A, 23-Jul-12
Vishay Siliconix
Si8489EDB
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
On-Resistance vs. Junction Temperature
0.00
0.05
0.10
0.15
0.20
0
4
8
12
16
20
I
D - Drain Current (A)
V
GS = 2.5 V
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
4
8
12
16
20
Q
g - Total Gate Charge (nC)
V
DS = 16 V
V
DS = 10 V
V
DS = 5 V
I
D = 1.5 A
0.8
0.9
1.0
1.1
1.2
1.3
1.4
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 10 V, ID = 1.5 A
V
GS = 4.5, 2.5 V, ID = 1.5 A
Capacitance
Source-Drain Diode Forward Voltage
Threshold Voltage
0
200
400
600
800
1000
1200
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.5
0.6
0.7
0.8
0.9
1.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 μA


Similar Part No. - SI8489EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8489EDB VISHAY-SI8489EDB Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8489EDB VISHAY-SI8489EDB_V01 Datasheet
169Kb / 8P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8489EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com