Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA82562EM Datasheet(PDF) 11 Page - Intel Corporation

Part # DA82562EM
Description  82562ET 10/100 Mbps Platform LAN Connect (PLC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA82562EM Datasheet(HTML) 11 Page - Intel Corporation

Back Button DA82562EM Datasheet HTML 7Page - Intel Corporation DA82562EM Datasheet HTML 8Page - Intel Corporation DA82562EM Datasheet HTML 9Page - Intel Corporation DA82562EM Datasheet HTML 10Page - Intel Corporation DA82562EM Datasheet HTML 11Page - Intel Corporation DA82562EM Datasheet HTML 12Page - Intel Corporation DA82562EM Datasheet HTML 13Page - Intel Corporation DA82562EM Datasheet HTML 14Page - Intel Corporation DA82562EM Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Networking Silicon — 82562ET
Datasheet
7
3.6
LED Pins
3.7
Miscellaneous Control Pins
Pin Name
Pin
Number
Type
Description
LILED#
27
O
Link Integrity LED. The LED is active low and the Link Integrity LED pin
indicates link status in either 10BASE-T or 100BASE-TX mode. If a link is
present in either mode, the LILED is asserted.
ACTLED#
32
O
Activity LED. The LED is active low and the Activity LED signal indicates
either receive or transmit activity. When no activity is present, the LED is
off. The Activity LED will flicker when activity is present. The flicker rate
depends on the activity load.
The individual address LED control bit (Word A hexadecimal, bit 4) in the
ICH2 EEPROM can select the ACTLED# behavior. It controls the Activity
LED (ACTLED) functionality in Wake on LAN (WOL) mode.
0 = In WOL mode, the ACTLED is activated by the transmission and
reception of broadcast and individual address match packets.
1 = In WOL mode, the ACTLED is activated by the transmission and
reception of individual address match packets only.
This bit is configured by the OEM and is activated by a transmission and
reception of individual address match packets.
SPDLED#
31
O
Speed LED. The LED is active low and the Speed LED signal indicates
the speed of operation, either 10 Mbps or 100 Mbps. The Speed LED is
on during 100BASE-TX operation and off in 10BASE-T mode.
Pin Name
Pin
Number
Type
Description
ADV10
41
I
Advertise 10 Mbps Only. The Advertise 10 Mbps Only signal is asserted
high, and the 82562ET advertises only 10BASE-T technology during
Auto-Negotiation processes in this state. Otherwise, the 82562ET
advertises all of its technologies.
Note: ADV10 has an internal pull-down resistor.
ISOL_TCK
30
I
Test Clock. The Test Clock signal sets the device into asynchronous test
mode in conjunction with the Test Input, Test Execute and Test Enable
pins (refer to Table 1, “82562ET Hardware Configuration” on page 3).
In the manufacturing test mode, it acts as the test clock.
Note: ISOL_TCK has an internal pull-down resistor.
ISOL_TI
28
I
Test Input. The Test Input signal sets the device into asynchronous test
mode in conjunction with the Test Clock, Test Execute and Test Enable
pins (refer to Table 1, “82562ET Hardware Configuration” on page 3).
In the manufacturing test mode, it acts as the test data input pin.
Note: ISOL_TI has an internal pull-down resistor.


Similar Part No. - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA82562ET INTEL-DA82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EX INTEL-DA82562EX Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EZ INTEL-DA82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results

Similar Description - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562EP INTEL-82562EP Datasheet
356Kb / 24P
    82562EP 10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
   82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
   USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com