Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA82562EM Datasheet(PDF) 2 Page - Intel Corporation

Part # DA82562EM
Description  82562ET 10/100 Mbps Platform LAN Connect (PLC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA82562EM Datasheet(HTML) 2 Page - Intel Corporation

  DA82562EM Datasheet HTML 1Page - Intel Corporation DA82562EM Datasheet HTML 2Page - Intel Corporation DA82562EM Datasheet HTML 3Page - Intel Corporation DA82562EM Datasheet HTML 4Page - Intel Corporation DA82562EM Datasheet HTML 5Page - Intel Corporation DA82562EM Datasheet HTML 6Page - Intel Corporation DA82562EM Datasheet HTML 7Page - Intel Corporation DA82562EM Datasheet HTML 8Page - Intel Corporation DA82562EM Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Datasheet
Revision History
Revision
Revision Date
Description
0.55
Sept. 1999
Initial release.
0.6
Nov. 1999
• Corrected Figure 4 “NRZ to MLT-3 Encoding Diagram on Pg. 11 to reflect
correct signal transitions.
• Removed “10BASE-T Error Detection and Reporting” section since the
82562 does not do 10BASE-T error reporting.
• Updated bit 13 of Table 3 “Register 16 (10 Hexadecimal): PLC Status, Con-
trol and Address Data” to reflect correct values.
1.0
May 2000
Advance Information Datasheet release (Intel Secret).
• Modified Table 1 “82562ET Hardware Configuration” to add one row for
XOR Tree and include column for comments.
• Updated the descrition of the Activity LED signal in Section 3.6, “LED
Pins”.
• Revised Section 3.7, “Miscellaneous Control Pins” to reflect references to
Table 1 “82562ET Hardware Configuration”.
• Updated Section 6.0, “Electrical and Timing Specifications”.
• Replaced diagrams in Section 7.1, “Package Information”.
1.1
June 2000
Advance Information Datasheet release (Intel Confidential).
• On cover page, replaced Boundary Scan Support with XOR tree mode
support. Added bullet for LAN Connect I/F.
• Pg. 3, added a Solution Block Diagram as included in OR-2338 Pg. 4 but
replaced EM with ET in diagram.
• Pg. 11, removed Figure 4, “NRZ to MLT-3 Encoding Diagram”.
• Pg. 35, changed the Rev. number on the 82562 Pinout symbol to 1.0.
1.2
Oct 2001
Removed confidential status.
• Removed sections: “Physical Layer Interface Functionality” and “Platform
LAN Connect”.
• Changed “Electrical and Timing Specifications” section to “Voltage and
Temperature Specifications” and removed timing specifications.
1.3
March 2003
• Added product ordering code in Section 1.0.
1.4
Nov 2006
• Corrected the TESTEN signal description.
Information in this document is provided in connection with Intel® products. No license, express or implied, by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability
whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel® products including liability or warranties relating
to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not
intended for use in medical, life saving, or life sustaining applications.
Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
The 82562ET PLC may contain design defects or errors known as errata which may cause the product to deviate from published specifications.
Current characterized errata are available on request.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Copies of documents which have an ordering number and are referenced in this document, or other Intel literature may be obtained by calling 1-800-
548-4725 or by visiting Intel's website at http://www.intel.com.
Copyright © 2006, Intel Corporation
Intel® is a trademark or registered trademark of Intel Corporation or its subsidiaries in the United States and other countries.
* Other brands and names are the property of their respective owners.


Similar Part No. - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA82562ET INTEL-DA82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EX INTEL-DA82562EX Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EZ INTEL-DA82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results

Similar Description - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562EP INTEL-82562EP Datasheet
356Kb / 24P
    82562EP 10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
   82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
   USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com