Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2441-EVALZ
Description  The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADP2441-EVALZ Datasheet HTML 1Page - Analog Devices ADP2441-EVALZ Datasheet HTML 2Page - Analog Devices ADP2441-EVALZ Datasheet HTML 3Page - Analog Devices ADP2441-EVALZ Datasheet HTML 4Page - Analog Devices ADP2441-EVALZ Datasheet HTML 5Page - Analog Devices ADP2441-EVALZ Datasheet HTML 6Page - Analog Devices ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP2441-EVALZ User Guide
UG-407
Rev. 0 | Page 3 of 12
USING THE EVALUATION BOARD
POWERING UP THE EVALUATION BOARD
The ADP2441 evaluation board is provided fully assembled
and tested. Before applying power to the evaluation board,
follow the procedures in this section.
Input Power Source
The power source voltage must not exceed 36 V, the maximum
operation input voltage of the ADP2441.
Make sure the power source is switched off before connecting it
to the ADP2441 evaluation board. Connect the positive
terminal of the power source to the evaluation board VIN
terminal (T1), and the negative terminal of the power source to
the evaluation board GND terminal (T2). If the power source
includes an ammeter, connect the ammeter in series with the
input source voltage. Connect the positive lead (+) of the power
source to the ammeter positive (+) connection, the negative
lead (−) of the ammeter to the evaluation board VIN terminal
(T1), and the negative lead (−) of the power source to the
evaluation board GND terminal (T2).
Output Load
Make sure the evaluation board is switched off before connect-
ing the load. Connect the load directly to the evaluation board,
with the positive (+) load connection to the VOUT terminal
(T3) and the negative (−) load connection to the GND terminal
(T4). If an ammeter is used, connect it in series with the load:
connect the positive (+) ammeter terminal to the evaluation
board VOUT terminal (T3), the negative (−) ammeter terminal
to the positive (+) load terminal, and the negative (−) load
terminal to the evaluation board GND terminal (T4).
Once the load is connected, make sure it is set to the proper
current before powering the ADP2441 evaluation board. Before
connecting a load to the output of the evaluation board, make
sure that the output voltage does not exceed the maximum
operating voltage range of the load.
Enabling and Disabling the DC-to-DC Switching
Regulator
In the evaluation board, a voltage divider is used to generate
an enable signal for the IC. As soon as voltage is applied to
VIN (24 V), IC is enabled.
Alternatively, header TP1 (EN) is available to enable and disable
the evaluation board. To enable the output, connect the header
TP1 to the VIN supply or to an external voltage source. To disable
the output connect the header TP1 to the GND.
PGOOD Signals
When the output is enabled and the output voltage, VOUT, is in
regulation, the logic signal at the PGOOD test point is high. In
a typical application, a pull-up resistor from the PGOOD pin to
the external supply is used to generate this logic signal.
On the evaluation board, the pull-up resistor (R7) is available to
connect to the external supply through the jumper (JP1). Test
Point TP2 is available to connect the external supply of 5 V.
Figure 2 PGOOD Signal
External SS/Track Signal
The SS/TRK pin is multipurpose. It can be used either for
tracking the external supply or for soft start.
A header, TRK, is available on the board for connecting an
external signal to be tracked by the regulator output voltage.
Before applying a signal to the TRK header, make sure the
voltage divider resistor values (R10, R11) connected on the
evaluation board are the correct values (see the ADP2441
data sheet).
Alternatively, to program soft start time, a capacitor can be
connected to SS/TRK pin. On the evaluation board, a 10 nF
capacitor, C11, is connected for a soft start time of 6 ms.
Figure 3. Soft Start Signal
PGOOD
TP2: EXTERNAL
SUPPLY: 5V
JP1
R7
50k
R10
OPEN
R11
OPEN
C11
10nF
SS
SS/TRK
TRK


Similar Part No. - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

Similar Description - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com