Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2441-EVALZ
Description  The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2441-EVALZ Datasheet HTML 4Page - Analog Devices ADP2441-EVALZ Datasheet HTML 5Page - Analog Devices ADP2441-EVALZ Datasheet HTML 6Page - Analog Devices ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices ADP2441-EVALZ Datasheet HTML 10Page - Analog Devices ADP2441-EVALZ Datasheet HTML 11Page - Analog Devices ADP2441-EVALZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UG-407
ADP2441-EVALZ User Guide
Rev. 0 | Page 8 of 12
EVALUATION BOARD SCHEMATICS AND ARTWORK
Figure 16.


Similar Part No. - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

Similar Description - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com